Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12081 Datasheet (PDF) - Texas Instruments

ADC12081 Datasheet PDF - Texas Instruments
Part # ADC12081
Download  ADC12081 Download
File Size   819.36 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC12081 12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold

ADC12081 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC12081 Datasheet PDF - Texas Instruments

Part # ADC12081
Download  ADC12081 Click to download

File Size   819.36 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC12081 12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold

ADC12081 Datasheet (HTML) - Texas Instruments


ADC12081 Product details

1FEATURES
2• Single 5V Power Supply
• Simple Analog Input Interface
• Internal Sample-and-Hold
• Internal Reference Buffer Amplifier
• Low Power Consumption

APPLICATIONS
• Image Processing Front End
• PC-Based Data Acquisition
• Scanners
• Fax Machines
• Waveform Digitizer

DESCRIPTION
The ADC12081 is a monolithic CMOS analog-to-
digital converter capable of converting analog input
signals into 12-bit digital words at 5 megasamples per
second (MSPS). The ADC12081 utilizes an
innovative pipeline architecture to minimize die size
and power consumption. The ADC12081 uses self- calibration and error correction to maintain accuracy
and performance over temperature.
The ADC12081 converter operates on a 5V power
supply and can digitize analog input signals in the
range of 0 to 2V. A single convert clock controls the
conversion operation. All digital I/O is TTL
compatible.
The ADC12081 is designed to minimize external
components necessary for the analog input interface.
An internal sample-and-hold circuit samples the
analog input and an internal amplifier buffers the
reference voltage input.
The ADC12081 is available in the 32-lead LQFP
package and is designed to operate over the
extended commercial temperature range of -40°C to
+85°C.




Similar Part No. - ADC12081

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12081 NSC-ADC12081 Datasheet
352Kb / 16P
12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter
ADC12081 NSC-ADC12081 Datasheet
300Kb / 17P
12-Bit, 5MHz Self-Calibrating, Pipelined A/D Converter with Internal Samble & Hold
logo
Texas Instruments
ADC12081 TI1-ADC12081 Datasheet
1Mb / 25P
12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
logo
National Semiconductor ...
ADC12081CIVT NSC-ADC12081CIVT Datasheet
352Kb / 16P
12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter
ADC12081CIVT NSC-ADC12081CIVT Datasheet
300Kb / 17P
12-Bit, 5MHz Self-Calibrating, Pipelined A/D Converter with Internal Samble & Hold
More results


Similar Description - ADC12081

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12081 NSC-ADC12081 Datasheet
352Kb / 16P
12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter
ADC12191 NSC-ADC12191 Datasheet
278Kb / 16P
12-Bit, 10 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
ADC1241 NSC-ADC1241 Datasheet
268Kb / 14P
Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
ADC12441 NSC-ADC12441 Datasheet
274Kb / 14P
Dynamically-Tested Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC12451 NSC-ADC12451 Datasheet
311Kb / 18P
Dynamically-Tested Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC1251 NSC-ADC1251 Datasheet
301Kb / 16P
Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC12181 NSC-ADC12181 Datasheet
322Kb / 17P
12-Bit, 10 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
logo
List of Unclassifed Man...
ADC-HS12 ETC-ADC-HS12 Datasheet
251Kb / 4P
12 BIT A/D CONVERTER WITH SAMPLE HOLD
logo
National Semiconductor ...
ADC12081 NSC-ADC12081_02 Datasheet
300Kb / 17P
12-Bit, 5MHz Self-Calibrating, Pipelined A/D Converter with Internal Samble & Hold
logo
Texas Instruments
ADC12081 TI1-ADC12081 Datasheet
1Mb / 25P
12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com