Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC122S655 Datasheet (PDF) - Texas Instruments

ADC122S655 Datasheet PDF - Texas Instruments
Part # ADC122S655
Download  ADC122S655 Download
File Size   926.32 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC122S655 Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter

ADC122S655 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC122S655 Datasheet PDF - Texas Instruments

Part # ADC122S655
Download  ADC122S655 Click to download

File Size   926.32 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC122S655 Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter

ADC122S655 Datasheet (HTML) - Texas Instruments


ADC122S655 Product details

1FEATURES
23• True Simultaneous Sampling Differential
Inputs
• Specified Performance from 200 kSPS to 500
kSPS
• External Reference
• Wide Input Common-Mode Voltage Range
• Single High-Speed Serial Data Output
• Operating Temperature Range of −40°C to
+105°C
• SPI™/ QSPI™/MICROWIRE/DSP Compatible
Serial Interface

APPLICATIONS
• Motor Control
• Power Meters/Monitors
• Multi-Axis Positioning Systems
• Instrumentation and Control Systems
• Data Acquisition Systems
• Medical Instruments
• Direct Sensor Interface

KEY SPECIFICATIONS
• Conversion Rate: 200 kSPS to 500 kSPS
• INL: ±1 LSB (max)
• DNL: ±0.95 LSB (max)
• SNR: 71 dBc (min)
• THD: -72 dBc (min)
• ENOB: 11.25 bits (min)
• Power Consumption at 500 kSPS
– Converting, VA = 5V, VREF = 2.5V: 11 mW
(typ)
– Power-Down, VA = 5V, VREF = 2.5V: 3 μW
(typ)

DESCRIPTION
The ADC122S655 is a dual 12-bit, 200 kSPS to 500
kSPS simultaneous sampling Analog-to-Digital (A/D)
converter. The analog inputs on both channels are
sampled simultaneously to preserve their relative
phase information to each other. The converter is
based on a successive-approximation register
architecture where the differential nature of the
analog inputs is maintained from the internal track-
and-hold circuits throughout the A/D converter to
provide excellent common-mode signal rejection. The
ADC122S655 features an external reference that can
be varied from 1.0V to VA.
The ADC122S655's serial data output is binary 2's
complement and is compatible with several
standards, such as SPI, QSPI, MICROWIRE, and
many common DSP serial interfaces. The serial clock
(SCLK) and chip select bar (CS) are shared by both
channels.
Operating from a single 5V analog supply and a
reference voltage of 2.5V, the total power
consumption while operating at 500 kSPS is typically
11 mW. With the ADC122S655 operating in power-
down mode, the power consumption reduces to 3
μW. The differential input, low power consumption,
and small size make the ADC122S655 ideal for direct
connection to sensors in motor control applications.
Operation is specified over the industrial temperature
range of −40°C to +105°C and clock rates of 6.4 MHz
to 16 MHz. The ADC122S655 is available in a 10-
lead VSSOP package.




Similar Part No. - ADC122S655

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC122S655 NSC-ADC122S655 Datasheet
498Kb / 20P
Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
logo
Texas Instruments
ADC122S655 TI1-ADC122S655 Datasheet
1Mb / 28P
ADC122S655 Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
ADC122S655 TI1-ADC122S655 Datasheet
1Mb / 28P
Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC122S655CIMM NSC-ADC122S655CIMM Datasheet
498Kb / 20P
Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
logo
Texas Instruments
ADC122S655CIMM TI1-ADC122S655CIMM Datasheet
1Mb / 28P
ADC122S655 Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
More results


Similar Description - ADC122S655

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC122S706 NSC-ADC122S706 Datasheet
559Kb / 24P
Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
ADC122S625 NSC-ADC122S625 Datasheet
496Kb / 20P
Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
ADC122S655 NSC-ADC122S655 Datasheet
498Kb / 20P
Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
logo
Texas Instruments
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC122S706 TI1-ADC122S706_14 Datasheet
1Mb / 31P
Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
ADC122S655 TI1-ADC122S655_14 Datasheet
1Mb / 28P
ADC122S655 Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
ADC122S625 TI1-ADC122S625_14 Datasheet
1Mb / 28P
ADC122S625 Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
ADC122S625 TI1-ADC122S625_15 Datasheet
1Mb / 28P
Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
ADC122S655 TI1-ADC122S655_15 Datasheet
1Mb / 28P
Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
ADC122S706 TI1-ADC122S706_15 Datasheet
1Mb / 31P
Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com