Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC128S022 Datasheet (PDF) - Texas Instruments

ADC128S022 Datasheet PDF - Texas Instruments
Part # ADC128S022
Download  ADC128S022 Download
File Size   889.73 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter

ADC128S022 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC128S022 Datasheet PDF - Texas Instruments

Part # ADC128S022
Download  ADC128S022 Click to download

File Size   889.73 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter

ADC128S022 Datasheet (HTML) - Texas Instruments


ADC128S022 Product details

1 Features
• Eight Input Channels
• Variable Power Management
• Independent Analog and Digital Supplies successive•
SPI™/QSPI™/MICROWIRE/DSP Compatible
• Packaged in 16-lead TSSOP
• Conversion Rate: 50 ksps to 200ksps
• DNL (V A = VD = 5 V): +1 / −0.7 LSB (Maximum)
• INL (VA = VD = 5 V): ±1 LSB (Maximum)
• Power Consumption
– 3V Supply: 1.2 mW (Typical)
– 5V Supply: 7.5 mW (Typical)

2 Applications
• Automotive Navigation
• Portable Systems
• Medical Instruments
• Mobile Communications
• Instrumentation and Control Systems

3 Description
The ADC128S022 device is a low-power, eight-
channel CMOS 12-bit analog-to-digital converter specified for conversion throughput rates of 50 ksps
to 200 ksps. The converter is based on a successive•
approximation register architecture with an internal
track-and-hold circuit. It can be configured to accept up to eight input signals at inputs IN0 through IN7.
The output serial data is straight binary and is
compatible with several standards, such as SPI,
QSPI, MICROWIRE, and many common DSP serial
interfaces.
The ADC128S022 may be operated with independent
analog and digital supplies. The analog supply (VA)
can range from 2.7 V to 5.25 V, and the digital supply
(VD) can range from 2.7 V to VA. Normal power consumption using a 3-V or 5-V supply is 1.2 mW
and 7.5 mW, respectively. The power-down feature
reduces the power consumption to 0.06 μW using a
3-V supply and 0.25 μW using a 5-V supply.
The ADC128S022 is packaged in a 16-lead TSSOP
package. Operation over the extended industrial temperature range of −40°C to +105°C is ensured.




Similar Part No. - ADC128S022

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022 TI1-ADC128S022 Datasheet
1Mb / 26P
ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022CIMT NSC-ADC128S022CIMT Datasheet
848Kb / 18P
8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022CIMT TI1-ADC128S022CIMT Datasheet
1Mb / 26P
8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022CIMT TI1-ADC128S022CIMT Datasheet
1Mb / 26P
ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
More results


Similar Description - ADC128S022

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC088S022 NSC-ADC088S022 Datasheet
804Kb / 17P
8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC088S022 NSC-ADC088S022_06 Datasheet
824Kb / 17P
8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_14 Datasheet
1Mb / 26P
ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC124S021 TI1-ADC124S021 Datasheet
1Mb / 27P
4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com