Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC128S052 Datasheet (PDF) - Texas Instruments

ADC128S052 Datasheet PDF - Texas Instruments
Part # ADC128S052
Download  ADC128S052 Download
File Size   903.03 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC128S052, ADC128S052-Q1 8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter

ADC128S052 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC128S052 Datasheet PDF - Texas Instruments

Part # ADC128S052
Download  ADC128S052 Click to download

File Size   903.03 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC128S052, ADC128S052-Q1 8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter

ADC128S052 Datasheet (HTML) - Texas Instruments


ADC128S052 Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Qualified With the Following Results:
– Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Range
• Eight Input Channels
• Variable Power Management
• Independent Analog and Digital Supplies
• Compatible With SPI™, QSPI™, MICROWIRE,
and DSP
• Packaged in 16-Pin TSSOP
• Conversion Rate 200 kSPS to 500 kSPS
• DNL (VA = VD = 5 V) + 1.3 or −0.9 LSB
(Maximum)
• INL (V A = VD = 5 V) ±1 LSB (Maximum)
• Power Consumption
– 3-V Supply 1.6 mW (Typical)
– 5-V Supply 8.7 mW (Typical)

2 Applications
• Automotive Navigation
• Portable Systems
• Medical Instruments
• Mobile Communications
• Instrumentation and Control Systems

3 Description
The ADC128S052x device is a low-power, eight-
channel CMOS 12-bit analog-to-digital converter specified for conversion throughput rates of
200 kSPS to 500 kSPS. The converter is based on a
successive-approximation register architecture with
an internal track-and-hold circuit. It can be configured
to accept up to eight input signals at inputs IN0
through IN7.
The output serial data is straight binary and is
compatible with several standards, such as SPI, QSPI, MICROWIRE, and many common DSP serial
interfaces.
The ADC128S052x may be operated with
independent analog and digital supplies. The analog
supply (VA) can range from 2.7 V to 5.25 V, and the
digital supply (VD) can range from 2.7 V to VA.
Normal power consumption using a 3-V or
5-V supply is 1.6 mW and 8.7 mW, respectively. The power-down feature reduces the power consumption
to 0.06 μW using a 3-V supply and 0.25 μW using a
5-V supply.
The ADC128S052x is packaged in a 16-pin TSSOP
package. The ADC128S052 is ensured over the
extended industrial temperature range of −40°C to
+105°C while the ADC128S052-Q1 is ensured to an AECQ100 Grade-1 automotive temperature range of
−40°C to +125°C.




Similar Part No. - ADC128S052

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S052 TI1-ADC128S052 Datasheet
1Mb / 26P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052 Datasheet
1Mb / 32P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052-Q1 TI1-ADC128S052-Q1 Datasheet
1Mb / 32P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
More results


Similar Description - ADC128S052

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com