Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC128S102 Datasheet (PDF) - Texas Instruments

ADC128S102 Datasheet PDF - Texas Instruments
Part # ADC128S102
Download  ADC128S102 Download
File Size   901.98 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC128S102 8-Channel, 500-ksps to 1-Msps, 12-Bit A/D Converter

ADC128S102 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC128S102 Datasheet PDF - Texas Instruments

Part # ADC128S102
Download  ADC128S102 Click to download

File Size   901.98 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC128S102 8-Channel, 500-ksps to 1-Msps, 12-Bit A/D Converter

ADC128S102 Datasheet (HTML) - Texas Instruments


ADC128S102 Product details

1 Features
1• Eight Input Channels
• Variable Power Management
• Independent Analog and Digital Supplies successive•
SPI/QSPI™/MICROWIRE™/DSP Compatible
• Packaged in 16-Lead TSSOP
• Key Specifications
– Conversion Rate 500 ksps to 1 MSPS
– DNL (VA = VD = 5.0 V) +1.5 / −0.9
– LSB (maximum) INL (VA = VD = 5.0 V) ±1.2
LSB (maximum)
– Power Consumption
– 3V Supply 2.3 mW (typical)
– 5V Supply 10.7 mW (typical)

2 Applications
• Automotive Navigation
• Portable Systems
• Medical Instruments
• Mobile Communications
• Instrumentation and Control Systems

3 Description
The ADC128S102 is a low-power, eight-channel
CMOS 12-bit analog-to-digital converter specified for conversion throughput rates of 500 ksps to 1 MSPS.
The converter is based on a successive•
approximation register architecture with an internal
track-and-hold circuit. It can be configured to accept up to eight input signals at inputs IN0 through IN7.
The output serial data is straight binary and is compatible with several standards, such as SPI,
QSPI, MICROWIRE, and many common DSP serial
interfaces.
The ADC128S102 may be operated with independent
analog and digital supplies. The analog supply (VA)
can range from +2.7 V to +5.25 V, and the digital
supply (VD) can range from +2.7 V to VA. Normal power consumption using a +3-V or +5-V supply is
2.3 mW and 10.7 mW, respectively. The power-down
feature reduces the power consumption to 0.06 μW
using a +3-V supply and 0.25 μW using a +5-V
supply.
The ADC128S102 is packaged in a 16-lead TSSOP
package. Operation over the extended industrial temperature range of −40°C to +105°C is ensured.




Similar Part No. - ADC128S102

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC128S102 NSC-ADC128S102 Datasheet
852Kb / 18P
8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S102 TI1-ADC128S102 Datasheet
1Mb / 25P
8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
ADC128S102 TI1-ADC128S102 Datasheet
1Mb / 29P
12-Bit A/D Converter
ADC128S102 MDR TI2-ADC128S102 MDR Datasheet
945Kb / 35P
ADC128S102QML-SP Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
REVISED APRIL 2017
ADC128S102-MDR TI1-ADC128S102-MDR Datasheet
803Kb / 32P
Radiation Hardened 8-Channel CONVERTER
More results


Similar Description - ADC128S102

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC108S102 NSC-ADC108S102 Datasheet
877Kb / 17P
8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC128S102 NSC-ADC128S102 Datasheet
852Kb / 18P
8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC082S101 TI1-ADC082S101_14 Datasheet
1Mb / 25P
2 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC122S101 TI1-ADC122S101_14 Datasheet
1Mb / 25P
2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
ADC088S102 TI1-ADC088S102_14 Datasheet
1Mb / 25P
ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC128S102QML-SP TI1-ADC128S102QML-SP Datasheet
773Kb / 31P
8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC108S102 TI1-ADC108S102_15 Datasheet
1Mb / 27P
8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC122S101 TI1-ADC122S101_15 Datasheet
1Mb / 28P
2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com