Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC082S101 Datasheet (PDF) - Texas Instruments

ADC082S101 Datasheet PDF - Texas Instruments
Part # ADC082S101
Download  ADC082S101 Download
File Size   910.9 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC122S021 2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter

ADC082S101 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC082S101 Datasheet PDF - Texas Instruments

Part # ADC082S101
Download  ADC082S101 Click to download

File Size   910.9 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC122S021 2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter

ADC082S101 Datasheet (HTML) - Texas Instruments


ADC082S101 Product details

1FEATURES
2• Specified over a Range of Sample Rates.
• Two Input Channels
• Variable Power Management
• Single Power Supply with 2.7V - 5.25V Range

APPLICATIONS
• Portable Systems
• Remote Data Acquisition
• Instrumentation and Control Systems

KEY SPECIFICATIONS
• DNL +0.4 / −0.2 LSB (typ)
• INL ± 0.35 LSB (typ)
• SNR 72.0 dB (typ)
• Power Consumption 2.2 mW (typ)
– 5V Supply 7.9 mW (typ)

DESCRIPTION
The ADC122S021 is a low-power, two-channel
CMOS 12-bit analog-to-digital converter with a high-
speed serial interface. Unlike the conventional
practice of specifying performance at a single sample
rate only, the ADC122S021 is fully specified over a
sample rate range of 50 ksps to 200 ksps. The
converter is based on a successive-approximation
register architecture with an internal track-and-hold
circuit. It can be configured to accept one or two input
signals at inputs IN1 and IN2.
The output serial data is straight binary, and is
compatible with several standards, such as SPI™,
QSPI™, MICROWIRE, and many common DSP
serial interfaces.
The ADC122S021 operates with a single supply that
can range from +2.7V to +5.25V. Normal power
consumption using a +3V or +5V supply is 2.2 mW
and 7.9 mW, respectively. The power-down feature
reduces the power consumption to just 0.14 μW using
a +3V supply, or 0.32 μW using a +5V supply.
The ADC122S021 is packaged in an 8-lead VSSSOP
package. Operation over the industrial temperature
range of −40°C to +85°C is ensured.




Similar Part No. - ADC082S101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC082S101 NSC-ADC082S101 Datasheet
941Kb / 19P
2 Channel, 1 MSPS 12-Bit A/D Converter
ADC082S101 NSC-ADC082S101 Datasheet
925Kb / 19P
2 Channel, 1 MSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC082S101 TI-ADC082S101 Datasheet
1Mb / 25P
ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC082S101 TI1-ADC082S101 Datasheet
1Mb / 25P
2 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC082S101 TI1-ADC082S101 Datasheet
1Mb / 28P
ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
More results


Similar Description - ADC082S101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_14 Datasheet
1Mb / 26P
ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC124S021 TI1-ADC124S021_14 Datasheet
1Mb / 28P
ADC124S021 4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC122S021 TI1-ADC122S021_14 Datasheet
1Mb / 27P
ADC122S021 2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
ADC082S021 TI1-ADC082S021_14 Datasheet
1Mb / 28P
ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
ADC124S021 TI1-ADC124S021 Datasheet
1Mb / 27P
4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com