Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12QS065 Datasheet (PDF) - Texas Instruments

ADC12QS065 Datasheet PDF - Texas Instruments
Part # ADC12QS065
Download  ADC12QS065 Download
File Size   832.81 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC12QS065 Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs

ADC12QS065 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC12QS065 Datasheet PDF - Texas Instruments

Part # ADC12QS065
Download  ADC12QS065 Click to download

File Size   832.81 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC12QS065 Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs

ADC12QS065 Datasheet (HTML) - Texas Instruments


ADC12QS065 Product details

1FEATURES
2• Single +3.3V Supply Operation
• Internal Sample-and-Hold and Internal
Reference
• Low Power Consumption
• Power Down Mode
• Clock and Data Frame Timing
• 780 Mbps Serial LVDS Data Rate (at 65 MHz
Clock)
• LVDS Serial Output Rated for 100 Ohm Load

KEY SPECIFICATIONS
• Resolution: 12 Bits
• DNL: ±0.3 LSB (Typ)
• SNR (fIN = 5 MHz): 69 dB (Typ)
• SFDR (fIN = 5 MHz): 83 dB (Typ)
• ENOB (at Nyquist): 11 Bits (Typ)
• Power Consumption
– Operating, 65 MSPS, per ADC: 200 mW
(Typ)
– Power Down Mode: < 3 mW (Typ)

APPLICATIONS
• Ultrasound
• Medical Imaging
• Communications
• Portable Instrumentation
• Digital Video

DESCRIPTION
The ADC12QS065 is a low power, high performance
CMOS 4-channel analog-to-digital converter with
LVDS serialized outputs. The ADC12QS065 digitizes
signals to 12 bits resolution at sampling rates up to
65 MSPS while consuming a typical 200 mW/ADC
from a single 3.3V supply. Sampled data is
transformed into high speed serial LVDS output data
streams. Clock and frame LVDS pairs aid in data
capture. The ADC12QS065’s six differential pairs
transmit data over backplanes or cable and also
make PCB design easier. In addition, the reduced
cable, PCB trace count, and connector size
tremendously reduce cost.
No missing codes performance is ensured over the
full operating temperature range. The pipeline ADC
architecture achieves 11 Effective Bits over the entire
Nyquist band at 65 MSPS.
When not converting, power consumption can be
reduced by pulling the PD (Power Down) pin high,
placing the converter into a low power state where it
typically consumes less than 3 mW total, and from
which recovery is less than 5 ms. The
ADC12QS065's speed, resolution and single supply
operation makes it well suited for a variety of
applications in ultrasound, imaging, video and
communications. Operating over the industrial (-40°C
to +85°C) temperature range, the ADC12QS065 is
available in a 60-pin WQFN package with exposed
pad (9x9x0.8mm, 0.5mm pin pitch).




Similar Part No. - ADC12QS065

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12QS065 NSC-ADC12QS065 Datasheet
694Kb / 18P
Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
logo
Texas Instruments
ADC12QS065 TI1-ADC12QS065 Datasheet
1Mb / 33P
Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
ADC12QS065CISQ/NOPB TI1-ADC12QS065CISQ/NOPB Datasheet
1Mb / 34P
MSPS A/D Converter
logo
National Semiconductor ...
ADC12QS065CIVS NSC-ADC12QS065CIVS Datasheet
694Kb / 18P
Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
ADC12QS065EVAL NSC-ADC12QS065EVAL Datasheet
694Kb / 18P
Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
More results


Similar Description - ADC12QS065

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
12-Bit, 65 MSPS A/D Converter
1998 06
logo
Analog Devices
AD9229 AD-AD9229 Datasheet
471Kb / 15P
Quad 12-Bit, 50/65 MSPS Serial LVDS 3V A/D Converter
06-Oct-2003
AD9289 AD-AD9289 Datasheet
1Mb / 16P
Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
logo
National Semiconductor ...
ADC12QS065 NSC-ADC12QS065 Datasheet
694Kb / 18P
Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
logo
Analog Devices
AD9228 AD-AD9228 Datasheet
1Mb / 52P
Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
4/06-Revision 0
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9229-65EBZ AD-AD9229-65EBZ Datasheet
789Kb / 40P
Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
logo
Texas Instruments
ADC12QS065 TI1-ADC12QS065_14 Datasheet
1Mb / 33P
Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
logo
Analog Devices
AD9229 AD-AD9229_15 Datasheet
789Kb / 40P
Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com