Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12V170 Datasheet (PDF) - Texas Instruments

ADC12V170 Datasheet PDF - Texas Instruments
Part # ADC12V170
Download  ADC12V170 Download
File Size   821.31 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC12V170 12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs

ADC12V170 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC12V170 Datasheet PDF - Texas Instruments

Part # ADC12V170
Download  ADC12V170 Click to download

File Size   821.31 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC12V170 12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs

ADC12V170 Datasheet (HTML) - Texas Instruments


ADC12V170 Product details

1FEATURES
2• 1.1 GHz Full Power Bandwidth
• Internal Sample-and-Hold Circuit
• Internal Precision 1.0V Reference
• Single-Ended or Differential Clock Modes
• Clock Duty Cycle Stabilizer
• Dual +3.3V and +1.8V Supply Operation
• Power-Down and Sleep Modes
• Offset Binary or 2's Complement Output Data
Format
• LVDS Outputs
• Pin-Compatible: ADC14V155
• 48-Pin WQFN Package, (7x7x0.8mm, 0.5mm
Pin-Pitch)

APPLICATIONS
• High IF Sampling Receivers
• Wireless Base Station Receivers
• Power Amplifier Linearization
• Multi-Carrier, Multi-Mode Receivers
• Test and Measurement Equipment
• Communications Instrumentation
• Radar Systems

KEY SPECIFICATIONS
• Resolution: 12 Bits
• Conversion Rate: 170 MSPS
• SNR (fIN = 70 MHz): 67.2 dBFS (Typ)
• SFDR (fIN = 70 MHz): 85.8 dBFS (Typ)
• ENOB (fIN = 70 MHz): 10.9 Bits (Typ)
• Full Power Bandwidth: 1.1 GHZ (Typ)
• Power Consumption: 781 mW (Typ)

DESCRIPTION
The ADC12V170 is a high-performance CMOS
analog-to-digital converter with LVDS outputs. It is
capable of converting analog input signals into 12-Bit
digital words at rates up to 170 Mega Samples Per
Second (MSPS). Data leaves the chip in a DDR (Dual
Data Rate) format; this allows both edges of the output clock to be utilized while achieving a smaller
package size. This converter uses a differential,
pipelined architecture with digital error correction and
an on-chip sample-and-hold circuit to minimize power
consumption and the external component count, while providing excellent dynamic performance. A
unique sample-and-hold stage yields a full-power
bandwidth of 1.1 GHz. The ADC12V170 operates
from dual +3.3V and +1.8V power supplies and
consumes 781 mW of power at 170 MSPS.
The separate +1.8V supply for the digital output
interface allows lower power operation with reduced
noise. A power-down feature reduces the power
consumption to 15 mW while still allowing fast wake-
up time to full operation. In addition there is a sleep
feature which consumes 50 mW of power and has a
faster wake-up time.
The differential inputs provide a full scale differential
input swing equal to 2 times the reference voltage. A
stable 1.0V internal voltage reference is provided, or
the ADC12V170 can be operated with an external
reference.
Clock mode (differential versus single-ended) and
output data format (offset binary versus 2's
complement) are pin-selectable. A duty cycle
stabilizer maintains performance over a wide range of
input clock duty cycles.
The ADC12V170 is pin-compatible with the
ADC14V155. It is available in a 48-lead WQFN
package and operates over the industrial temperature
range of −40°C to +85°C.




Similar Part No. - ADC12V170

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12V170 NSC-ADC12V170 Datasheet
562Kb / 22P
12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170 NSC-ADC12V170 Datasheet
564Kb / 22P
12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170 NSC-ADC12V170 Datasheet
622Kb / 24P
12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
logo
Texas Instruments
ADC12V170 TI1-ADC12V170 Datasheet
1Mb / 32P
1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170 TI2-ADC12V170 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
More results


Similar Description - ADC12V170

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC11C170 NSC-ADC11C170 Datasheet
420Kb / 22P
11-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS outputs
ADC12V170 NSC-ADC12V170 Datasheet
562Kb / 22P
12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12C170_0708 NSC-ADC12C170_0708 Datasheet
426Kb / 22P
12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
ADC12V170 NSC-ADC12V170_08 Datasheet
564Kb / 22P
12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC14V155 NSC-ADC14V155_08 Datasheet
430Kb / 22P
14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12C170 NSC-ADC12C170 Datasheet
488Kb / 24P
12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
ADC12V170 NSC-ADC12V170_09 Datasheet
622Kb / 24P
12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC14V155 NSC-ADC14V155_09 Datasheet
487Kb / 24P
14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
logo
Texas Instruments
ADC12C170 TI1-ADC12C170_14 Datasheet
1Mb / 29P
12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
ADC14V155 TI1-ADC14V155_14 Datasheet
1Mb / 29P
155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com