Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14155 Datasheet (PDF) - Texas Instruments

ADC14155 Datasheet PDF - Texas Instruments
Part # ADC14155
Download  ADC14155 Download
File Size   819.4 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC14155 14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter

ADC14155 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC14155 Datasheet PDF - Texas Instruments

Part # ADC14155
Download  ADC14155 Click to download

File Size   819.4 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC14155 14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter

ADC14155 Datasheet (HTML) - Texas Instruments


ADC14155 Product details

1FEATURES
2• 1.1 GHz Full Power Bandwidth
• Internal Sample-and-Hold Circuit
• Low Power Consumption
• Internal Precision 1.0V Reference
• Single-Ended or Differential Clock Modes
• Data Ready Output Clock
• Clock Duty Cycle Stabilizer
• Dual +3.3V and +1.8V Supply Operation
(+/- 10%)
• Power-Down Mode
• Offset Binary or 2's Complement Output Data
Format
• 48-pin WQFN Package, (7x7x0.8mm, 0.5mm
Pin-Pitch)

APPLICATIONS
• High IF Sampling Receivers
• Wireless Base Station Receivers
• Power Amplifier Linearization
• Multi-carrier, Multi-mode Receivers
• Test and Measurement Equipment
• Communications Instrumentation
• Radar Systems

KEY SPECIFICATIONS
• Resolution: 14 Bits
• Conversion Rate: 155 MSPS
• SNR (fIN = 70 MHz): 71.3 dBFS (typ)
• SFDR (fIN = 70 MHz): 87.0 dBFS (typ)
• ENOB (fIN = 70 MHz): 11.5 bits (typ)
• Full Power Bandwidth: 1.1 GHz (typ)
• Power Consumption: 967 mW (typ)

DESCRIPTION
The ADC14155 is a high-performance CMOS analog-
to-digital converter capable of converting analog input
signals into 14-bit digital words at rates up to 155
Mega Samples Per Second (MSPS). This converter
uses a differential, pipelined architecture with digital
error correction and an on-chip sample-and-hold circuit to minimize power consumption and the
external component count, while providing excellent
dynamic performance. A unique sample-and-hold
stage yields a full-power bandwidth of 1.1 GHz. The
ADC14155 operates from dual +3.3V and +1.8V power supplies and consumes 967 mW of power at
155 MSPS.
The separate +1.8V supply for the digital output
interface allows lower power operation with reduced
noise. A power-down feature reduces the power
consumption to 5 mW with the clock input disabled,
while still allowing fast wake-up time to full operation.
The differential inputs provide a full scale differential
input swing equal to 2 times the reference voltage. A
stable 1.0V internal voltage reference is provided, or the ADC14155 can be operated with an external
reference.
The ADC14155 can be configured for either single-
ended or differential operation. Clock mode
(differential versus single-ended) and output data
format (offset binary versus 2's complement) are pin- selectable. A duty cycle stabilizer maintains
performance over a wide range of clock duty cycles.
The ADC14155 is available in a 48-lead WQFN
package and operates over the industrial temperature
range of −40°C to +85°C.




Similar Part No. - ADC14155

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14155 NSC-ADC14155 Datasheet
722Kb / 19P
14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
logo
Texas Instruments
ADC14155 TI1-ADC14155 Datasheet
551Kb / 14P
selecting amplifiers, adcs, and clocks for high-performance signal paths
ADC14155 TI1-ADC14155 Datasheet
1Mb / 28P
155 MSPS, 1.1 GHz Bandwidth A/D Converter
ADC14155 TI2-ADC14155 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
logo
National Semiconductor ...
ADC14155CISQ NSC-ADC14155CISQ Datasheet
722Kb / 19P
14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
More results


Similar Description - ADC14155

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14155 NSC-ADC14155 Datasheet
722Kb / 19P
14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
ADC12C170_0708 NSC-ADC12C170_0708 Datasheet
426Kb / 22P
12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
ADC14V155 NSC-ADC14V155_08 Datasheet
430Kb / 22P
14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC14V155 NSC-ADC14V155_09 Datasheet
487Kb / 24P
14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC14155QML NSC-ADC14155QML Datasheet
1Mb / 26P
14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
logo
Texas Instruments
ADC14V155 TI1-ADC14V155_14 Datasheet
1Mb / 29P
155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC14155QML-SP TI-ADC14155QML-SP Datasheet
651Kb / 30P
ADC14155QML 14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
ADC12C170 TI1-ADC12C170 Datasheet
1Mb / 29P
1.1 GHz Bandwidth A/D Converter
ADC14155 TI1-ADC14155 Datasheet
1Mb / 28P
155 MSPS, 1.1 GHz Bandwidth A/D Converter
ADC14155QML-SP TI1-ADC14155QML-SP_18 Datasheet
755Kb / 34P
14-Bit, 155-MSPS, 1.1-GHz Bandwidth A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com