Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14C105 Datasheet (PDF) - Texas Instruments

ADC14C105 Datasheet PDF - Texas Instruments
Part # ADC14C105
Download  ADC14C105 Download
File Size   900.51 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC14C105 14-Bit, 95/105 MSPS A/D Converter

ADC14C105 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC14C105 Datasheet PDF - Texas Instruments

Part # ADC14C105
Download  ADC14C105 Click to download

File Size   900.51 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC14C105 14-Bit, 95/105 MSPS A/D Converter

ADC14C105 Datasheet (HTML) - Texas Instruments


ADC14C105 Product details

1FEATURES
2• 1 GHz Full Power Bandwidth
• Internal Reference and Sample-and-Hold
Circuit
• Low Power Consumption
• Data Ready Output Clock
• Clock Duty Cycle Stabilizer
• Single +3.0V or +3.3V Supply Operation sample•
Power-Down Mode
• 32-pin WQFN Package, (5x5x0.8mm, 0.5mm
pin-pitch)

APPLICATIONS
• High IF Sampling Receivers
• Wireless Base Station Receivers
• Test and Measurement Equipment
• Communications Instrumentation
• Portable Instrumentation

KEY SPECIFICATIONS
• Resolution: 14 Bits
• Conversion Rate: 105 MSPS
• SNR (fIN = 240 MHz): 71 dBFS (typ)
• SFDR (fIN = 240 MHz): 82 dBFS (typ)
• Full Power Bandwidth: 1 GHz (typ)
• Power Consumption
– 350 mW (typ, VA=3.0V)
– 400 mW (typ, VA=3.3V)

DESCRIPTION
The ADC14C105 is a high-performance CMOS
analog-to-digital converter capable of converting
analog input signals into 14-bit digital words at rates
up to 105 Mega Samples Per Second (MSPS). This
converter uses a differential, pipelined architecture
with digital error correction and an on-chip sampleand-
hold circuit to minimize power consumption and
the external component count, while providing
excellent dynamic performance. A unique sample•
and-hold stage yields a full-power bandwidth of 1
GHz. The ADC14C105 may be operated from a single +3.0V or +3.3V power supply and consumes
low power.
A separate +2.5V supply may be used for the digital
output interface which allows lower power operation
with reduced noise. A power-down feature reduces
the power consumption to very low levels while still
allowing fast wake-up time to full operation. The
differential inputs accept a 2V full scale differential
input swing. A stable 1.2V internal voltage reference
is provided, or the ADC14C105 can be operated with
an external 1.2V reference. Output data format (offset
binary versus 2's complement) and duty cycle
stabilizer are pin-selectable. The duty cycle stabilizer
maintains performance over a wide range of clock
duty cycles.
The ADC14C105 is available in a 32-lead WQFN
package and operates over the industrial temperature
range of −40°C to +85°C.




Similar Part No. - ADC14C105

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14C105 NSC-ADC14C105 Datasheet
614Kb / 17P
14-Bit, 65/80/95/105 MSPS A/D Converter
ADC14C105 NSC-ADC14C105 Datasheet
453Kb / 24P
14-Bit, 95/105 MSPS A/D Converter
logo
Texas Instruments
ADC14C105 TI1-ADC14C105 Datasheet
1Mb / 30P
14-Bit, 95/105 MSPS A/D Converter
ADC14C105 TI1-ADC14C105 Datasheet
1Mb / 33P
95/105 MSPS A/D Converter
ADC14C105 TI2-ADC14C105 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
More results


Similar Description - ADC14C105

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
14-Bit, 65/80/95/105 MSPS A/D Converter
ADC12C105 NSC-ADC12C105 Datasheet
451Kb / 24P
12-Bit, 95/105 MSPS A/D Converter
ADC14C105 NSC-ADC14C105_07 Datasheet
453Kb / 24P
14-Bit, 95/105 MSPS A/D Converter
logo
Analog Devices
AD6645ASQ-105 AD-AD6645ASQ-105 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-105 AD-AD6645ASQZ-105 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-80 AD-AD6645ASVZ-80 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-105 AD-AD6645ASVZ-105 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
logo
Texas Instruments
ADC14C105 TI1-ADC14C105_14 Datasheet
1Mb / 30P
14-Bit, 95/105 MSPS A/D Converter
ADC12C105 TI1-ADC12C105 Datasheet
1Mb / 32P
95/105 MSPS A/D Converter
ADC14C105 TI1-ADC14C105_15 Datasheet
1Mb / 33P
95/105 MSPS A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com