Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1203 Datasheet (PDF) - Texas Instruments

ADS1203 Datasheet PDF - Texas Instruments
Part # ADS1203
Download  ADS1203 Download
File Size   908.87 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Motor Control, Current Measurement 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator

ADS1203 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1203 Datasheet PDF - Texas Instruments

Part # ADS1203
Download  ADS1203 Click to download

File Size   908.87 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Motor Control, Current Measurement 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator

ADS1203 Datasheet (HTML) - Texas Instruments


ADS1203 Product details

FEATURES
16-Bit Resolution
14-Bit Linearity
±250mV Input Range with Single +5V Supply
1% Internal Reference Voltage
1% Gain Error
Flexible Serial Interface with Four Different
Modes
Implemented Twinned Binary Coding as
Split-Phase or Manchester Coding for
One-Line Interfacing
Operating Temperature Range:
−40°C to +125°C

APPLICATIONS
Motor Control
Current Measurement
Industrial Process Control
Instrumentation
Smart Transmitters

DESCRIPTION
The ADS1203 is a delta-sigma (ΔΣ) modulator with a
95dB dynamic range, operating from a single +5V
supply. The differential inputs are ideal for direct
connection to transducers or low-level signals. With the
appropriate digital filter and modulator rate, the device
can be used to achieve 16-bit analog-to-digital (A/D)
conversion with no missing codes. An effective
resolution of 14 bits or SNR of 85dB (typical) can be
maintained with a digital filter bandwidth of 40kHz at a
modulator rate of 10MHz. The ADS1203 is designed for
use in medium- to high-resolution measurement
applications including current measurements, smart
transmitters, and industrial process control. The
ADS1203 is available in TSSOP-8 and QFN-16 (3x3)
packages.




Similar Part No. - ADS1203

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1203 BURR-BROWN-ADS1203 Datasheet
276Kb / 24P
MOTOR CONTROL CURRENT MEASUREMENT
logo
Texas Instruments
ADS1203 TI1-ADS1203 Datasheet
783Kb / 33P
Motor control, current measurement
ADS1203 TI2-ADS1203 Datasheet
944Kb / 36P
Motor Control, Current Measurement 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
REVISED JANUARY 2008
logo
Burr-Brown (TI)
ADS1203IPWR BURR-BROWN-ADS1203IPWR Datasheet
276Kb / 24P
MOTOR CONTROL CURRENT MEASUREMENT
logo
Texas Instruments
ADS1203IPWR TI1-ADS1203IPWR Datasheet
783Kb / 33P
Motor control, current measurement
More results


Similar Description - ADS1203

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
AMC1203 TI-AMC1203 Datasheet
695Kb / 23P
1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1202 TI1-ADS1202 Datasheet
502Kb / 24P
Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS574JH TI-ADS574JH Datasheet
875Kb / 25P
Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202 TI1-ADS1202_14 Datasheet
890Kb / 26P
Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
AMC1203 TI-AMC1203_15 Datasheet
990Kb / 29P
1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com