Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8320 Datasheet (PDF) - Texas Instruments

ADS8320 Datasheet PDF - Texas Instruments
Part # ADS8320
Download  ADS8320 Download
File Size   809.34 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS8320 16-Bit, High-Speed, 2.7-V to 5-V microPower Sampling Analog-to-Digital Converter

ADS8320 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8320 Datasheet PDF - Texas Instruments

Part # ADS8320
Download  ADS8320 Click to download

File Size   809.34 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS8320 16-Bit, High-Speed, 2.7-V to 5-V microPower Sampling Analog-to-Digital Converter

ADS8320 Datasheet (HTML) - Texas Instruments


ADS8320 Product details

1 Features
1• 100-kHz Sampling Rate
• microPower:
– 1.8 mW at 100 kHz and 2.7 V
– 0.3 mW at 10 kHz and 2.7 V
• Power Down: 3 μA (Maximum)
• 8-Pin VSSOP Package
• Pin-Compatible to ADS7816 and ADS7822
• Serial (SPI™/SSI) Interface

2 Applications
• Battery-Operated Systems
• Remote Data Acquisition
• Isolated Data Acquisition
• Simultaneous Sampling, Multichannel Systems
• Industrial Controls
• Robotics
• Vibration Analysis

3 Description
The ADS8320 device is a 16-bit, sampling analog-todigital
(A/D) converter with ensured specifications
over a 2.7-V to 5.25-V supply range. It requires very
little power even when operating at the full 100-kHz
data rate. At lower data rates, the high speed of the
device enables it to spend most of its time in the
power-down mode. The average power dissipation is
less than 100 mW at 10-kHz data rate.
The ADS8320 also features operation from 2 V to
5.25 V, a synchronous serial (SPI/SSI compatible)
interface, and a differential input. The reference
voltage can be set to any level within the range of
500 mV to VCC.
Ultra-low power and small size make the ADS8320
ideal for portable and battery-operated systems. It is
also a perfect fit for remote data acquisition modules,
simultaneous multi-channel systems, and isolated
data acquisition. The ADS8320 is available in an
8-pin VSSOP package.




Similar Part No. - ADS8320

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI-ADS8320 Datasheet
860Kb / 21P
16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 TI1-ADS8320 Datasheet
876Kb / 22P
16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320-HT TI1-ADS8320-HT Datasheet
389Kb / 27P
16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS8320

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 BURR-BROWN-ADS8321 Datasheet
100Kb / 12P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7826 TI-ADS7826 Datasheet
483Kb / 20P
10/8/12-BIT HIGH SPEED 2.7 V microPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320-HT TI1-ADS8320-HT Datasheet
389Kb / 27P
16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321_12 Datasheet
604Kb / 18P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8321 TI1-ADS8321_14 Datasheet
858Kb / 20P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320-HT TI1-ADS8320-HT_13 Datasheet
341Kb / 26P
16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321 Datasheet
858Kb / 19P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com