Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8345 Datasheet (PDF) - Texas Instruments

ADS8345 Datasheet PDF - Texas Instruments
Part # ADS8345
Download  ADS8345 Download
File Size   791.24 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER

ADS8345 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8345 Datasheet PDF - Texas Instruments

Part # ADS8345
Download  ADS8345 Click to download

File Size   791.24 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER

ADS8345 Datasheet (HTML) - Texas Instruments


ADS8345 Product details

FEATURES
BIPOLAR INPUT RANGE
PIN-FOR-PIN COMPATIBLE WITH THE
ADS7844 AND ADS8344
SINGLE SUPPLY: 2.7V to 5V
8-CHANNEL SINGLE-ENDED OR
4-CHANNEL DIFFERENTIAL INPUT
UP TO 100kHz CONVERSION RATE
85dB SINAD
SERIAL INTERFACE
QSOP-20 AND SSOP-20 PACKAGES

APPLICATIONS
DATA ACQUISITION
TEST AND MEASUREMENT EQUIPMENT
INDUSTRIAL PROCESS CONTROL
PERSONAL DIGITAL ASSISTANTS
BATTERY-POWERED SYSTEMS

DESCRIPTION
The ADS8345 is an 8-channel, 16-bit, sampling
Analog-to-Digital (A/D) converter with a synchronous serial
interface. Typical power dissipation is 8mW at a 100kHz
throughput rate and a +5V supply. The reference voltage
(VREF) can be varied between 500mV and VCC/2, providing a
corresponding input voltage range of ±VREF. The device
includes a shutdown mode which reduces power dissipation
to under 15μW. The ADS8345 is ensured down to 2.7V
operation.
Low-power, high-speed, and an onboard multiplexer make
the ADS8345 ideal for battery-operated systems such as
personal digital assistants, portable multi-channel data loggers,
and measurement equipment. The serial interface also
provides low-cost isolation for remote data acquisition. The
ADS8345 is available in a QSOP-20 or SSOP-20 package
and is ensured over the –40°C to +85°C temperature range.




Similar Part No. - ADS8345

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8345 TI-ADS8345 Datasheet
505Kb / 18P
16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8345 TI1-ADS8345 Datasheet
1Mb / 25P
16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8345E TI-ADS8345E Datasheet
505Kb / 18P
16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8345E TI1-ADS8345E Datasheet
1Mb / 24P
16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8345E/2K5 TI-ADS8345E/2K5 Datasheet
505Kb / 18P
16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS8345

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8344 BURR-BROWN-ADS8344 Datasheet
278Kb / 13P
16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8341 TI-ADS8341 Datasheet
417Kb / 18P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8345 TI-ADS8345 Datasheet
505Kb / 18P
16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8343E2K5 BURR-BROWN-ADS8343E2K5 Datasheet
874Kb / 23P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8345 TI1-ADS8345_14 Datasheet
1Mb / 25P
16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8344 TI1-ADS8344_14 Datasheet
1Mb / 26P
16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8343 TI1-ADS8343_14 Datasheet
889Kb / 24P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_14 Datasheet
1Mb / 25P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_15 Datasheet
1Mb / 24P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8345 TI1-ADS8345_15 Datasheet
1Mb / 24P
16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com