Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8506 Datasheet (PDF) - Texas Instruments

ADS8506 Datasheet PDF - Texas Instruments
Part # ADS8506
Download  ADS8506 Download
File Size   827.03 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE

ADS8506 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8506 Datasheet PDF - Texas Instruments

Part # ADS8506
Download  ADS8506 Click to download

File Size   827.03 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE

ADS8506 Datasheet (HTML) - Texas Instruments


ADS8506 Product details

1FEATURES
2· 40-kHz Min Sampling Rate
· 4-V, 5-V, and ±10-V Input Ranges
· 73.9-dB SINAD with 10-kHz Input
· ±0.45 LSB Max INL
· ±0.45 LSB Max DNL, 12-Bit No Missing Codes
· ±5-mV BPZ, ±0.5 PPM/°C BPZ Drift
· SPI Compatible Serial Output With
Daisy-Chain (TAG), SPI Master/Slave Feature
· Single 5-V Analog Supply
· Pin-Compatible With ADS7806 and 16-Bit
ADS7807/8507
· Uses Internal or External 2.5-V Reference
· Low Power Dissipation
– 24 mW Typ, 30 mW Max at 40 KSPS
· 50-mW Max Power Down Mode
· 28-Pin SO Package
· Full Parallel Interface
· 2's Comp or BTC Output Code

APPLICATIONS
· Industrial Process Control
· Test Equipment
· Medical Equipment
· Data Acquisition Systems
· Digital Signal Processing
· Instrumentation

DESCRIPTION
The ADS8506 is a complete low power, single 5-V supply, 12-bit sampling analog-to-digital (A/D)
converter. It contains a complete 12-bit
capacitor-based, successive approximation register
(SAR) A/D converter with sample and hold, clock,
reference, and data interface. The converter can be configured for a variety of input ranges including ±10
V, 4 V, and 5 V. For most input ranges, the input
voltage can swing to 25 V or –25 V without damage
to the converter.
A SPI compatible serial interface allows data to be
synchronized to an internal or external clock. A full parallel interface with BYTE select is also provided to
allow the maximum system design flexibility. The
ADS8506 is specified at 40 kHz sampling rate over
the industrial -40°C to 85°C temperature range.




Similar Part No. - ADS8506

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8506 TI2-ADS8506 Datasheet
932Kb / 40P
16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
REVISED JUNE 2009
logo
Burr-Brown (TI)
ADS8506I BURR-BROWN-ADS8506I Datasheet
632Kb / 28P
12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8506IB BURR-BROWN-ADS8506IB Datasheet
632Kb / 28P
12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
More results


Similar Description - ADS8506

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com