Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8508 Datasheet (PDF) - Texas Instruments

ADS8508 Datasheet PDF - Texas Instruments
Part # ADS8508
Download  ADS8508 Download
File Size   841.18 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER

ADS8508 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8508 Datasheet PDF - Texas Instruments

Part # ADS8508
Download  ADS8508 Click to download

File Size   841.18 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER

ADS8508 Datasheet (HTML) - Texas Instruments


ADS8508 Product details

FEATURES
· 250-kHz Sampling Rate
· 4-V, 5-V, 10-V, ±3.33-V, ±5-V, and ±10-V Input
Ranges
· 73-dB SINAD With 45-kHz Input
· ±0.45 LSB Max INL
· ±0.45 LSB Max DNL, 12-Bits No Missing
Codes
· ±1 LSB Bipolar Zero Errors
· ±0.4 PPM/°C Bipolar Zero Error Drift
· Six Specified Input Ranges
· SPI Compatible Serial Output with referDaisy-
Chain (TAG) Feature
· 5-V Supply
· Pin-Compatible With ADS7808 (Low Speed)
and 16-Bit ADS8509/7809
· Uses Internal or External Reference
· 70-mW Typ Power Dissipation at 250 KSPS
· 20-Pin SO Package
· Simple DSP Interface

APPLICATIONS
· Industrial Process Control
· Data Acquisition Systems
· Digital Signal Processing
· Medical Equipment
· Instrumentation

DESCRIPTION
The ADS8508 is a complete 12-bit sampling
analog-to-digital (A/D) converter using state-of-the-art CMOS structures. It contains a complete 12-bit,
capacitor-based, successive approximation register
(SAR) A/D converter with sample-and-hold, referDaisy-
ence, clock, and a serial data interface. Data can be
output using the internal clock or can be
synchronized to an external data clock. The ADS8508
also provides an output synchronization pulse for
ease of use with standard DSP processors.
The ADS8508 is specified at a 250-kHz sampling rate
over the full temperature range. Precision resistors
provide various input ranges including ±10 V and 0 V
to 5 V, while the innovative design allows operation
from a single +5-V supply with power dissipation
under 100 mW.
The ADS8508 is available in a 20-pin SO package,
fully specified for operation over the industrial -40°C
to 85°C temperature range.




Similar Part No. - ADS8508

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8508 TI-ADS8508 Datasheet
631Kb / 27P
12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI1-ADS8508 Datasheet
504Kb / 28P
12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508IBDW TI-ADS8508IBDW Datasheet
631Kb / 27P
12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508IBDW TI1-ADS8508IBDW Datasheet
504Kb / 28P
12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508IBDWG4 TI-ADS8508IBDWG4 Datasheet
631Kb / 27P
12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS8508

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI-ADS8508 Datasheet
631Kb / 27P
12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com