Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5803 Datasheet (PDF) - Texas Instruments

AFE5803 Datasheet PDF - Texas Instruments
Part # AFE5803
Download  AFE5803 Download
File Size   851.51 Kbytes
Page   53 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH

AFE5803 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE5803 Datasheet PDF - Texas Instruments

Part # AFE5803
Download  AFE5803 Click to download

File Size   851.51 Kbytes
Page   53 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH

AFE5803 Datasheet (HTML) - Texas Instruments


AFE5803 Product details

1FEATURES
• 8-Channel Complete Analog Front-End
– LNA, VCAT, PGA, LPF, ADC
• Programmable Gain Low-Noise Amplifier
(LNA)
– 24/18/12 dB Gain
– 0.25/0.5/1 VPP Linear Input Range
– 0.63/0.7/0.9 nV/rtHz Input Referred Noise
– Programmable Active Termination
• 40 dB Low Noise Voltage Controlled
Attenuator (VCAT)
• 24/30 dB Programmable Gain Amplifier (PGA)
• 3rd Order Linear Phase Low-Pass Filter (LPF)
– 10, 15, 20, 30 MHz
• 14-bit Analog to Digital Converter (ADC)
– 77 dBFS SNR at 65 MSPS
– LVDS Outputs
• Noise/Power Optimizations (Full Chain)
– 158 mW/CH at 0.75 nV/rtHz, 65 MSPS
– 101 mW/CH at 1.1 nV/rtHz, 40 MSPS
• Excellent Device-to-Device Gain Matching
– ±0.5 dB (Typical) and ±0.9 dB (Max)
• Low Harmonic Distortion
• Fast and Consistent Overload Recovery
• Small Package: 15 mm x 9 mm, 135-BGA

APPLICATIONS
• Medical Ultrasound Imaging
• Nondestructive Evaluation Equipments

DESCRIPTION
The AFE5803 is a highly integrated Analog Front-End
(AFE) solution specifically designed for ultrasound
systems in which high performance and small size
are required. The AFE5803 integrates a complete
time-gain-control (TGC) imaging path. It also enables
users to select one of various power/noise
combinations to optimize system performance.
Therefore, the AFE5803 is a suitable ultrasound
analog front end solution for portable systems.
The AFE5803 contains eight channels of voltage
controlled amplifier (VCA), 14/12-bit Analog-to-Digital
Converter (ADC). The VCA includes Low noise
Amplifier (LNA), Voltage controlled Attenuator
(VCAT), Programmable Gain Amplifier (PGA), and
Low-Pass Filter (LPF). The LNA gain is
programmable to support 250 mVPP to 1 VPP input
signals. Programmable active termination is also
supported by the LNA. The ultra-low noise VCAT
provides an attenuation control range of 40 dB and
improves overall low gain SNR which benefits
harmonic imaging and near field imaging. The PGA
provides gain options of 24 dB and 30 dB. Before the
ADC, a LPF can be configured as 10 MHz, 15 MHz,
20 MHz or 30 MHz to support ultrasound applications
with different frequencies. The high-performance
14bit/65 MSPS ADC in the AFE5803 achieves
77dBFS SNR. It ensures excellent SNR at low chain
gain. The ADC’s LVDS outputs enable flexible system
integration desired for miniaturized systems.
The AFE5803 is available in a 15mm × 9mm, 135-pin
BGA package and it is specified for operation from
0°C to 85°C. It is also pin-to-pin compatible to the
AFE5807, AFE5808 and AFE5808A.




Similar Part No. - AFE5803

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5803 TI1-AFE5803 Datasheet
791Kb / 53P
Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
AFE5803 TI2-AFE5803 Datasheet
458Kb / 6P
AFE5816 16-Channel Ultrasound AFE With 90mW/Channel Power, 1nV/√ Hz Noise, 14-Bit, 65-MSPS or 12-Bit, 80 MSPS ADC and Passive CW Mixer
MARCH 2024
AFE5803 TI2-AFE5803 Datasheet
462Kb / 6P
AFE5818 16-Channel, Ultrasound, Analog Front-End with 140mW/Channel Power, 0.75nV/√ Hz Noise, 14-Bit, 65-MSPS or 12-Bit, 80 MSPS ADC, and Passive CW Mixer
MARCH 2024
AFE5803 TI2-AFE5803 Datasheet
2Mb / 82P
ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
REVISED APRIL 2018
More results


Similar Description - AFE5803

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5807 TI1-AFE5807 Datasheet
1Mb / 71P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5808 TI1-AFE5808 Datasheet
1Mb / 68P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75nV/rtHz, 14/12-Bit, 65MSPS, 153mW/CH
AFE5808A TI1-AFE5808A Datasheet
1Mb / 66P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
VCA5807 TI-VCA5807 Datasheet
1Mb / 64P
Fully Integrated, 8-Channel Voltage Controlled Amplifier for Ultrasound with Passive CW Mixer, 0.75 nV/rtHz, 99 mW/CH
AFE5809 TI-AFE5809_13 Datasheet
1Mb / 90P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
AFE5808 TI1-AFE5808_14 Datasheet
1Mb / 76P
Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 153 mW/CH
AFE5807 TI1-AFE5807_14 Datasheet
1Mb / 75P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5803 TI1-AFE5803_14 Datasheet
791Kb / 53P
Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
AFE5812 TI-AFE5812_15 Datasheet
2Mb / 109P
AFE5812 Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 180 mW/CH
AFE5808A TI1-AFE5808A_17 Datasheet
1Mb / 83P
65-MSPS, 158 mW/Channel, Fully-Integrated, 8-Channel, 14- and 12-Bit, Ultrasound Analog Front-End With Passive CW Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com