Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHCU04 Datasheet (PDF) - STMicroelectronics

74VHCU04 Datasheet PDF - STMicroelectronics
Part # 74VHCU04
Download  74VHCU04 Download
File Size   214.43 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX INVERTER SINGLE STAGE

74VHCU04 Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHCU04 Datasheet PDF - STMicroelectronics

Part # 74VHCU04
Download  74VHCU04 Click to download

File Size   214.43 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX INVERTER SINGLE STAGE

74VHCU04 Datasheet (HTML) - STMicroelectronics


74VHCU04 Product details

DESCRIPTION
The 74VHCU04 is an advanced high-speed CMOS HEX INVERTER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.
   
■ HIGH SPEED: tPD = 3.5 ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION:
    ICC = 2 µA (MAX.) at TA=25°C
■ HIGH NOISE IMMUNITY:
    VNIH = VNIL = 10% VCC (MIN.)
■ POWER DOWN PROTECTION ON INPUTS
■ SYMMETRICAL OUTPUT IMPEDANCE:
    |IOH| = IOL = 8 mA (MIN)
■ BALANCED PROPAGATION DELAYS:
    tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
    VCC(OPR) = 2V to 5.5V
■ PIN AND FUNCTION COMPATIBLE WITH
    74 SERIES 04
■ IMPROVED LATCH-UP IMMUNITY
■ LOW NOISE: VOLP = 0.8V (MAX.)
   




Similar Part No. - 74VHCU04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHCU04 FAIRCHILD-74VHCU04 Datasheet
75Kb / 8P
Hex Inverter
74VHCU04 FAIRCHILD-74VHCU04 Datasheet
291Kb / 9P
Hex Inverter
logo
ON Semiconductor
74VHCU04 ONSEMI-74VHCU04 Datasheet
222Kb / 9P
Hex Inverter
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74VHCU04M FAIRCHILD-74VHCU04M Datasheet
75Kb / 8P
Hex Inverter
74VHCU04M FAIRCHILD-74VHCU04M Datasheet
291Kb / 9P
Hex Inverter
More results


Similar Description - 74VHCU04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1GU04 STMICROELECTRONICS-74V1GU04 Datasheet
48Kb / 7P
SINGLE INVERTER SINGLE STAGE
Oct-1999
M54HCU04 STMICROELECTRONICS-M54HCU04 Datasheet
232Kb / 8P
HEX INVERTER SINGLE STAGE
27-Jun-2004
M74HCU04 STMICROELECTRONICS-M74HCU04 Datasheet
169Kb / 8P
HEX INVERTER SINGLE STATE
Apr-2002
74LCXU04 STMICROELECTRONICS-74LCXU04 Datasheet
204Kb / 11P
LOW VOLTAGE CMOS HEX INVERTER(SINGLE STAGE) WITH 5V TOLERANT INPUTS
15-Sep-2004
74V2GU04 STMICROELECTRONICS-74V2GU04 Datasheet
125Kb / 7P
TRIPLE INVERTER (SINGLE STAGE)
Jun-2003
74LVCU04A STMICROELECTRONICS-74LVCU04A Datasheet
166Kb / 8P
LOW VOLTAGE CMOS HEX INVERTER (SINGLE STAGE) HIGH PERFORMANCE
Feb-2002
74LVXU04 STMICROELECTRONICS-74LVXU04 Datasheet
203Kb / 11P
LOW VOLTAGE CMOS HEX INVERTER (SINGLE STAGE) WITH 5V TOLERANT INPUTS
27-Aug-2004
74LCXU04 STMICROELECTRONICS-74LCXU04_06 Datasheet
221Kb / 15P
Low voltage CMOS HEX inverter (single stage) with 5V tolerant inputs
06-Jul-2006
74LVCU04A STMICROELECTRONICS-74LVCU04A_04 Datasheet
230Kb / 11P
LOW VOLTAGE CMOS HEX INVERTER (SINGLE STAGE) HIGH PERFORMANCE
26-Jul-2004
74V1GU04 STMICROELECTRONICS-74V1GU04_04 Datasheet
110Kb / 9P
SINGLE INVERTER (SINGLE STAGE)
Apr-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com