Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE4490 Datasheet (PDF) - Texas Instruments

AFE4490 Datasheet PDF - Texas Instruments
Part # AFE4490
Download  AFE4490 Download
File Size   847.62 Kbytes
Page   85 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing

AFE4490 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE4490 Datasheet PDF - Texas Instruments

Part # AFE4490
Download  AFE4490 Click to download

File Size   847.62 Kbytes
Page   85 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing

AFE4490 Datasheet (HTML) - Texas Instruments


AFE4490 Product details

1 Features
1• Transmitter:
– Supports Common Anode LED Configuration
– Dynamic Range: 100 dB
– 6-Bit Programmable LED Current to 50 mA
(Extendable to 100 mA)
– Programmable LED On-Time
– Simultaneous Support of 3 LEDs for Optimized
SpO2, HRM, or Multi-Wavelength HRM
• Receiver:
– 24-Bit Representation of the Current Input from
a Photodiode in Twos Complement Format
– Individual DC Offset Subtraction DAC at TIA
Input for Each LED and Ambient Phase
– Digital Ambient Subtraction at ADC Output
– Programmable Transimpedance Gain:
10 kΩ to 2 MΩ
– Dynamic Range: 100 dB
– Average Current Less Than 200 μA for PPG
Signal Acquisition
• Pulse Frequency: 10 SPS to 1000 SPS
• Flexible Pulse Sequencing and Timing Control
• Flexible Clock Options:
– External Clocking:
4-MHz to 60-MHz Input Clock
– Internal Clocking: 4-MHz Oscillator
• I2C Interface
• Operating Temperature Range: –20°C to 70°C
• 2.6-mm × 1.6-mm DSBGA Package, 0.5-mm Pitch
• Supplies: Rx: 2 V to 3.6 V, Tx: 3 V to 5.25 V,
IO: 1.8 V to 3.6 V

2 Applications
• Optical Heart-Rate Monitoring (HRM)
• Heart-Rate Variability (HRV)
• Pulse Oximetry (SpO2 Measurement)
• VO2 Max
• Calorie Expenditure

3 Description
The AFE4404 is an analog front-end (AFE) for optical
bio-sensing applications, such as heart-rate
monitoring (HRM) and saturation of peripheral
capillary oxygen (SpO2). The device supports three
switching light-emitting diodes (LEDs) and a single
photodiode. The current from the photodiode is
converted into voltage by the transimpedance
amplifier (TIA) and digitized using an analog-to-digital
converter (ADC). The ADC code can be read out
using an I2C interface. The AFE also has a fullyintegrated
LED driver with a 6-bit current control. The
device has a high dynamic range transmit and
receive circuitry that helps with the sensing of very
small signal levels.




Similar Part No. - AFE4490

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4490 TI-AFE4490 Datasheet
1Mb / 70P
Integrated Analog Front-End for Pulse Oximeters
AFE4490 TI-AFE4490 Datasheet
1Mb / 69P
Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4490 TI1-AFE4490 Datasheet
2Mb / 96P
Integrated Analog Front-End for Pulse Oximeters
AFE4490RHAR TI-AFE4490RHAR Datasheet
1Mb / 70P
Integrated Analog Front-End for Pulse Oximeters
AFE4490RHAT TI-AFE4490RHAT Datasheet
1Mb / 70P
Integrated Analog Front-End for Pulse Oximeters
More results


Similar Description - AFE4490

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4404 TI-AFE4404_15 Datasheet
1Mb / 80P
AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
AFE4405 TI1-AFE4405 Datasheet
682Kb / 11P
AFE4405 Ultra-Small, Integrated AFE with FIFO for Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE4420 TI1-AFE4420 Datasheet
150Kb / 9P
Ultra-Small, Integrated AFE with FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE44S30 TI1-AFE44S30 Datasheet
638Kb / 7P
AFE44S30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE44I30 TI1-AFE44I30 Datasheet
127Kb / 5P
AFE44I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-sensing
AFE49I30 TI1-AFE49I30 Datasheet
729Kb / 7P
AFE49I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-sensing
AFE4950 TI1-AFE4950 Datasheet
141Kb / 5P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE4950 TI-AFE4950_V01 Datasheet
977Kb / 8P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE4950 TI-AFE4950_V02 Datasheet
1Mb / 11P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE44I30 TI-AFE44I30_V01 Datasheet
736Kb / 7P
AFE44I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-sensing
FEBRUARY 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com