Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0830823 Datasheet (PDF) - PHOENIX CONTACT

0830823 Datasheet PDF - PHOENIX CONTACT
Part # 0830823
Download  0830823 Download
File Size   187.42 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description WML HF 36(25X38)R YE - Wire-wrap label

0830823 Datasheet (PDF)

Go To PDF Page Download Datasheet
0830823 Datasheet PDF - PHOENIX CONTACT

Part # 0830823
Download  0830823 Click to download

File Size   187.42 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description WML HF 36(25X38)R YE - Wire-wrap label

0830823 Datasheet (HTML) - PHOENIX CONTACT


0830823 Product details

Wire-wrap label, Roll, yellow, unmarked, can be labeled with: THERMOMARK E.300 (D)/600 (D),
THERMOMARK ROLL 2.0, THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK
ROLLMASTER 300/600, THERMOMARK X1.2, cable diameter range: 12.1 ... 36.4 mm,
mounting type: adhesive, cable diameter: ≤ 36.4 mm, Number of individual labels: 500, text field
height: 38.1 mm, text field width: 25.4 mm




Similar Part No. - 0830823

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830820 PHOENIX-0830820 Datasheet
185Kb / 6P
WML HF 22(25X25)R - Wire-wrap label
0830821 PHOENIX-0830821 Datasheet
186Kb / 6P
WML HF 22(25X25)R YE - Wire-wrap label
0830822 PHOENIX-0830822 Datasheet
186Kb / 6P
WML HF 36(25X38)R - Wire-wrap label
0830824 PHOENIX-0830824 Datasheet
182Kb / 5P
WML HF 3(13X10)R CUS - Cable marker
0830826 PHOENIX-0830826 Datasheet
183Kb / 5P
WML HF 5(25X10)R CUS - Cable marker
More results


Similar Description - 0830823

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824348 PHOENIX-0824348 Datasheet
57Kb / 4P
Label - EML (15X6) R YE CUS
0830486 PHOENIX-0830486 Datasheet
55Kb / 4P
Label - EML (75X10)R YE
0803276 PHOENIX-0803276 Datasheet
42Kb / 2P
Plastic label - EMLP (EX15)R YE
0815606 PHOENIX-0815606 Datasheet
48Kb / 3P
Label - EML (110XE)R YE
1014305 PHOENIX-1014305 Datasheet
44Kb / 2P
Magnetic label - PMM (EX20)R YE
1014308 PHOENIX-1014308 Datasheet
44Kb / 2P
Magnetic label - PMM (EX25)R YE
1014311 PHOENIX-1014311 Datasheet
44Kb / 2P
Magnetic label - PMM (EX30)R YE
1014314 PHOENIX-1014314 Datasheet
44Kb / 2P
Magnetic label - PMM (EX40)R YE
1014317 PHOENIX-1014317 Datasheet
44Kb / 2P
Magnetic label - PMM (EX50)R YE
1116052 PHOENIX-1116052 Datasheet
55Kb / 2P
Label - MM-EML (EX10)R C1 YE/BK
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com