Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1352331 Datasheet (PDF) - PHOENIX CONTACT

1352331 Datasheet PDF - PHOENIX CONTACT
Part # 1352331
Download  1352331 Download
File Size   190.81 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description WMTS (23X4)R YE - Cable marker

1352331 Datasheet (PDF)

Go To PDF Page Download Datasheet
1352331 Datasheet PDF - PHOENIX CONTACT

Part # 1352331
Download  1352331 Click to download

File Size   190.81 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description WMTS (23X4)R YE - Cable marker

1352331 Datasheet (HTML) - PHOENIX CONTACT


1352331 Product details

Cable marker, Roll, yellow, unmarked, can be labeled with: THERMOMARK E.300 (D)/600 (D),
THERMOMARK ROLL 2.0, THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK
ROLLMASTER 300/600, cable diameter range: 0.6 ... 45 mm, mounting type: insert, Number of
individual labels: 3000, text field height: 4 mm, text field width: 23 mm




Similar Part No. - 1352331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1352330 PHOENIX-1352330 Datasheet
189Kb / 6P
WMTS (18X4)R YE - Cable marker
More results


Similar Description - 1352331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830486 PHOENIX-0830486 Datasheet
55Kb / 4P
Label - EML (75X10)R YE
0824471 PHOENIX-0824471 Datasheet
48Kb / 2P
Contactor marker ??zack marker strip - SS-ZB YE CUS
0824940 PHOENIX-0824940 Datasheet
57Kb / 2P
Zack marker strip - ZB 10/YE CUS
0824976 PHOENIX-0824976 Datasheet
56Kb / 2P
Zack marker strip - ZB 5/YE CUS
5031650 PHOENIX-5031650 Datasheet
47Kb / 2P
Contactor marker ??zack marker strip - SS-ZB YE
5062564 PHOENIX-5062564 Datasheet
50Kb / 2P
Zack marker strip - ZB10/YE-100:UNBEDRUCKT
0818218 PHOENIX-0818218 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 3,1 (23X4)
09/11/2020
0820390 PHOENIX-0820390 Datasheet
60Kb / 4P
Cable marker - UC-WMTBA (29X8) YE
09/11/2020
1014087 PHOENIX-1014087 Datasheet
56Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE
09/11/2020
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com