Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

388 Datasheet (PDF) - Adafruit Industries

388 Datasheet PDF - Adafruit Industries
Part # 388
Download  388 Download
File Size   176.55 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description SUPER-BRIGHT 5MM IR LED (25 PACK) - 940NM

388 Datasheet (PDF)

Go To PDF Page Download Datasheet
388 Datasheet PDF - Adafruit Industries

Part # 388
Download  388 Click to download

File Size   176.55 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description SUPER-BRIGHT 5MM IR LED (25 PACK) - 940NM

388 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 388

ManufacturerPart #DatasheetDescription
logo
Littelfuse
388 LITTELFUSE-388 Datasheet
143Kb / 3P
Axial Lead & Cartridge Fuses
logo
List of Unclassifed Man...
388 ETC2-388 Datasheet
335Kb / 1P
T-1 3/4 STANDARD MIDGET GROOVE
logo
Littelfuse
388 LITTELFUSE-388 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Pro-Signal
388-0448 PROSIGNAL-388-0448 Datasheet
30Kb / 1P
Scart Adaptors
logo
List of Unclassifed Man...
3880 ETC2-3880 Datasheet
255Kb / 2P
PRODUCT SPECIFICATION
More results


Similar Description - 388

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MV8102 FAIRCHILD-MV8102 Datasheet
232Kb / 4P
SUPER BRIGHT T-1쩐 (5mm) LED LAMPS
MV8140 FAIRCHILD-MV8140 Datasheet
243Kb / 4P
SUPER BRIGHT T-1쩐 (5mm) LED LAMPS
logo
NTE Electronics
NTE30037 NTE-NTE30037 Datasheet
96Kb / 3P
Super Bright LED Indicators, 5mm
logo
P-tec Corporation
PL16-CDR21 P-TEC-PL16-CDR21 Datasheet
30Kb / 1P
5MM T1쩐 Super Bright Red LED
PL16-CDY06 P-TEC-PL16-CDY06 Datasheet
29Kb / 1P
5mm (T1쩐) Super Bright Yellow LED
PL16-WCR21 P-TEC-PL16-WCR21 Datasheet
30Kb / 1P
5MM T1쩐 Super Bright Red LED
logo
NTE Electronics
NTE30121 NTE-NTE30121 Datasheet
58Kb / 2P
Super Bright LED Indicator Super Purple, 5mm
NTE30126 NTE-NTE30126 Datasheet
85Kb / 2P
Super Bright LED Indicator Ultra Bright Pink, 5mm
NTE30127 NTE-NTE30127 Datasheet
70Kb / 2P
Super Bright LED Indicator Turquoise, 5mm
logo
American Bright OPTOELE...
AB-3838EJ-F4E AMERICANBRIGHT-AB-3838EJ-F4E Datasheet
846Kb / 9P
3838 EMC 1.0W 940nm 3V IR LED
Rev. 1.0 10/22/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com