Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

887 Datasheet (PDF) - Adafruit Industries

887 Datasheet PDF - Adafruit Industries
Part # 887
Download  887 Download
File Size   132.13 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Cool White LED Weatherproof Flexi-Strip 60 LED - (1 m)

887 Datasheet (PDF)

Go To PDF Page Download Datasheet
887 Datasheet PDF - Adafruit Industries

Part # 887
Download  887 Click to download

File Size   132.13 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Cool White LED Weatherproof Flexi-Strip 60 LED - (1 m)

887 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 887

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
887 ETC1-887 Datasheet
225Kb / 2P
Model 888,887 18&20 pin Dual In-Line Thick Film Resistor Network
logo
Keystone Electronics Co...
887 KEYSTONE-887 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
EDAC, All Rights Reserv...
887-006-500-101 EDAC-887-006-500-101 Datasheet
294Kb / 4P
887 Series High Temp Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | High Profile Insulator
887-006-500-101 EDAC-887-006-500-101 Datasheet
135Kb / 4P
887 Series,High Temp Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | High Profile Insulator
887-006-500-102 EDAC-887-006-500-102 Datasheet
294Kb / 4P
887 Series High Temp Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | High Profile Insulator
More results


Similar Description - 887

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW4XAC1C1E OPTOSUPPLY-OSW4XAC1C1E Datasheet
118Kb / 1P
9.2x8x1.92mm Commercial 1 Power Cool White LED
OSW4XAE1E1E OPTOSUPPLY-OSW4XAE1E1E Datasheet
109Kb / 1P
Xeon 1 Power Cool White LED
OSW4XAT1C1E OPTOSUPPLY-OSW4XAT1C1E Datasheet
106Kb / 1P
5x5x1.3mm Tops 1 Power Cool White LED
logo
Opto Electronics Co,. L...
OSW44L56A1A E-OEC-OSW44L56A1A Datasheet
110Kb / 1P
4.8mm Straw Cool White LED
logo
OptoSupply Internationa...
OSPR3XW1-W4XME1C1E OPTOSUPPLY-OSPR3XW1-W4XME1C1E Datasheet
58Kb / 1P
3PCS Xeon 1 Power Cool White LED
OSPR3XW3-W4XME1C1E OPTOSUPPLY-OSPR3XW3-W4XME1C1E Datasheet
56Kb / 1P
3PCS Xeon 1 Power Cool White LED
OSW4XME1C1E-100 OPTOSUPPLY-OSW4XME1C1E-100 Datasheet
118Kb / 1P
Xeon 1 Power Cool White LED
logo
Cree, Inc
CLN6A-WKW CREE-CLN6A-WKW Datasheet
672Kb / 12P
COOL AND WARM WHITE LED
logo
OptoSupply Internationa...
OSW5DK5111A-1MA OPTOSUPPLY-OSW5DK5111A-1MA Datasheet
109Kb / 1P
5mm Round Cool White LED
OSW5DK3Q51A-1MA OPTOSUPPLY-OSW5DK3Q51A-1MA Datasheet
109Kb / 1P
3mm Tower Cool White LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com