Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC3X7 Datasheet (PDF) - Infineon Technologies AG

TC3X7 Datasheet PDF - Infineon Technologies AG
Part # TC3X7_V01
Download  TC3X7 Download
File Size   747.68 Kbytes
Page   33 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Application Kit Manual

TC3X7 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC3X7 Datasheet PDF - Infineon Technologies AG

Part # TC3X7_V01
Download  TC3X7 Click to download

File Size   747.68 Kbytes
Page   33 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Application Kit Manual

TC3X7 Datasheet (HTML) - Infineon Technologies AG


TC3X7 Product details

Features
2.1 Summary of Features
– Infineon’s TC3X7 (TC397, TC387) AURIX™ 2G Controller in LFBGA-292 Package
– LCD XGA Display 320x240
– SD card slot (mini SD)
– High Speed CAN Transceiver (CAN FD capable)
– USB to UART bridge
– Ethernet Gigabit PHY
– LIN Transceiver
– Crystal 20MHz (default) or External Clock
– USB miniWiggler JDS for easy debugging
– 4 Low Power Status LEDs
– RTC with alarm
– Acoustic beeper
– 100mm x 100mm
Connectors
The Application Kit TC3X7 offers a wide variety of connectors:
– Standard power connector
– Micro USB connector for ASC Interface (ASC0) and miniWiggler
– RJ45 connector for Ethernet (if Gigabit Ethernet supported by assembled CPU)
– 16-pin header for JTAG interface (OCDS)
– 10-pin header for DAP
– 10pin (2x5) Header for LIN Transceiver (LIN)
– 10pin (2x5) Header for CAN High Speed Transceiver (CAN0)
– two 40-pin connectors with I/O signals
– mini SD card slot
Components
– Infineon’s Multi Voltage Safety Micro Processor Supply TLF35584QV
– LED to validate power supply (5V or 3,3Volt)
– LED indicating RESET (ESR0) active state
– LED indicating activ miniWiggler JDS
– LED switched via DAS software
– Infineon’s High Speed CAN Transceiver TLE 9251V (CAN FD capable)
– Infineon’s LIN-Transceiver TLE 7259-3GE
– QSPI Real-Time Clock/Calendar with SRAM and unique MAC Id MCP79511 (if CPU not support I2C)
– I2C Real-Time Clock/Calendar with SRAM and unique MAC Id MCP79411 (if CPU support I2C)
– USB to UART bridge FT2232HL (FTDI)
– Integrated 10/100/1000M Ethernet Precision Transceiver RTL8211FI-CG (Realtek)
– Touch screen controller ADS7843
– 4 general purpose LEDs
– Reset switch
– Wake switch
– Xilinx CPLD XC9572XL




Similar Part No. - TC3X7_V01

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TC3X7 INFINEON-TC3X7 Datasheet
1Mb / 60P
TriBoard Manual TC3X7 Hardware: TriBoard TC3X7 TH V2.0(1) and TriBoard TC3X7 V2.0
V2.3 2019-09
More results


Similar Description - TC3X7_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
Starter Kit Evaluation Kit Manual
MSP-EXP430G2 TI-MSP-EXP430G2 Datasheet
493Kb / 86P
Starter Kit Evaluation Kit Manual
logo
Molex Electronics Ltd.
11-21-9933 MOLEX11-11-21-9933 Datasheet
23Kb / 1P
IDT - Manual - Adapter Kit
11-21-9998 MOLEX11-11-21-9998 Datasheet
27Kb / 1P
IDT - Manual - Tool Kit
11-31-2187 MOLEX11-11-31-2187 Datasheet
28Kb / 1P
IDT - Manual - Tool Kit
11-31-7559 MOLEX11-11-31-7559 Datasheet
28Kb / 1P
IDT - Manual - Adapter Kit
11-32-1956 MOLEX11-11-32-1956 Datasheet
27Kb / 1P
IDT - Manual - Tool Kit
11-39-0119 MOLEX11-11-39-0119 Datasheet
26Kb / 1P
IDT - Manual - Tool Kit
62200-6701 MOLEX11-62200-6701 Datasheet
22Kb / 1P
IDT - Manual - Tool Kit
logo
ams AG
AS6200 AMSCO-AS6200_V01 Datasheet
690Kb / 13P
Eval Kit Manual
2017-Dec-01
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com