Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF1554 Datasheet (PDF) - Microchip Technology

PIC16LF1554 Datasheet PDF - Microchip Technology
Part # PIC16LF1554_V01
Download  PIC16LF1554 Download
File Size   7194.11 Kbytes
Page   340 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 20-Pin Flash, 8-Bit Microcontrollers with XLP Technology

PIC16LF1554 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16LF1554 Datasheet PDF - Microchip Technology

Part # PIC16LF1554_V01
Download  PIC16LF1554 Click to download

File Size   7194.11 Kbytes
Page   340 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 20-Pin Flash, 8-Bit Microcontrollers with XLP Technology

PIC16LF1554 Datasheet (HTML) - Microchip Technology


PIC16LF1554 Product details

Description
The PIC16LF1554/1559 microcontrollers with Microchip enhanced mid-range core deliver unique on-chip features for
the design of mTouch® solutions and general purpose applications in 14/20-pin count packages. Two 10-bit
high-speed ADCs with automated hardware CVD modules connect to up to 17 analog channels to achieve a total
sampling rate of 600k samples per second. Combined with two PWMs and multiple communication peripherals, this
microcontroller family is an excellent solution to implement low-power and noise-robust capacitive sensing and other
front-end sampling applications with minimal software overhead.

Special Microcontroller Features
• Precision 16 MHz Internal Oscillator:
- Factory calibrated to ±1%, typical
- Software selectable frequency range from
32 MHz to 31 kHz
• 31 kHz Low-Power Internal Oscillator
• 4x Phase-Locked Loop (PLL)
• Power-Saving Sleep mode
• Power-on Reset (POR)
• Power-up Timer (PWRT)
• BOR with Selectable Trip Point
• Low-Power Brown-Out Reset (LPBOR)
• Extended Watchdog Timer (WDT)
• In-Circuit Serial Programming™ (ICSP™) via Two
Pins
• In-Circuit Debug (ICD) via Two Pins
• Enhanced Low-Voltage Programming (LVP)
• Operating Voltage Range:
- 1.8V to 3.6V
• Programmable Code Protection
• Self-Programmable under Software Control
eXtreme Low Power (XLP) Features
• Sleep Current:
- 30 nA @ 1.8V, typical
• Operating Current:
- 75 A @ 1 MHz, 1.8V, typical
• Low-Power Watchdog Timer Current:
- 500 nA @ 1.8V, typical
Peripheral Features
• Up to 17 I/O Pins and One Input-only Pin:
- High current sink/source for LED drivers
- Individually programmable interrupt-onchange
pins
- Individually programmable weak pull-ups
• Timer0: 8-Bit Timer/Counter with 8-Bit
Programmable Prescaler
• Enhanced Timer1:
- 16-bit timer/counter with prescaler
- External Gate Input mode
• Timer2 modules: 8-Bit Timer/Counter with 8-Bit
Period Register, Prescaler and Postscaler
• Two PWM modules
• Two Analog-to-Digital Converters (ADC):
- 10-bit resolution
- Up to 17 channels
- Simultaneous sampling on two ADCs
- Connect multiple channels together for
sampling
- External conversion trigger
- Flexible analog channel selection
- Conversion during Sleep
- Fixed Voltage Reference as channel
- External pin as ADC positive reference
- Temp sensor channel input
• Voltage Reference module:
- Fixed Voltage Reference (FVR) with 1.024V
and 2.048V output levels
• Hardware Capacitive Voltage Divider (CVD):
- Double-sample conversions
- Two sets of result registers
- Inverted acquisition
- 7-bit precharge timer
- 7-bit acquisition timer
- Two guard ring output drives
- 30 pF adjustable sample and hold capacitor
array
• Master Synchronous Serial Port (MSSP) with SPI
and I2C with:
- 7-bit address masking
- SMBus/PMBus™ compatibility
• Enhanced Universal Synchronous Asynchronous
Receiver Transmitter (EUSART):
- RS-232, RS-485 and LIN compatible
- Auto-Baud Detect
- Auto-wake-up on start




Similar Part No. - PIC16LF1554_V01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF1554 MICROCHIP-PIC16LF1554 Datasheet
3Mb / 340P
20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
05/14/19
PIC16LF1554 MICROCHIP-PIC16LF1554 Datasheet
7Mb / 356P
28/40/44-Pin Flash, 8-Bit Microcontrollers with XLP Technology
07/14/15
More results


Similar Description - PIC16LF1554_V01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF1508 MICROCHIP-PIC16LF1508 Datasheet
4Mb / 384P
20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
2011
PIC16F1508 MICROCHIP-PIC16F1508 Datasheet
6Mb / 422P
20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
11/29/12 2011-2013
PIC16LF1454 MICROCHIP-PIC16LF1454 Datasheet
7Mb / 418P
14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
11/29/11 2012
PIC12F1840 MICROCHIP-PIC12F1840_12 Datasheet
6Mb / 410P
8-Pin Flash Microcontrollers with XLP Technology
2011-2012 11/29/12
PIC16LF1824T39A MICROCHIP-PIC16LF1824T39A_12 Datasheet
6Mb / 418P
20-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC16F1459-EML MICROCHIP-PIC16F1459-EML Datasheet
7Mb / 418P
14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
11/29/11
PIC16F1508-I MICROCHIP-PIC16F1508-I Datasheet
4Mb / 384P
20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
08/02/11
PIC16F1509-E MICROCHIP-PIC16F1509-E Datasheet
4Mb / 384P
20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
08/02/11
PIC16F1509-ESO MICROCHIP-PIC16F1509-ESO Datasheet
6Mb / 418P
20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
11/29/12
PIC16LF1554 MICROCHIP-PIC16LF1554 Datasheet
3Mb / 340P
20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
05/14/19
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com