Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE7952 Datasheet (PDF) - Texas Instruments

AFE7952 Datasheet PDF - Texas Instruments
Part # AFE7952
Download  AFE7952 Download
File Size   830.18 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE7952 Quad-Channel RF Transceiver

AFE7952 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE7952 Datasheet PDF - Texas Instruments

Part # AFE7952
Download  AFE7952 Click to download

File Size   830.18 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE7952 Quad-Channel RF Transceiver

AFE7952 Datasheet (HTML) - Texas Instruments


AFE7952 Product details

1 Features
• Quad RF sampling 12-GSPS transmit DACs
• Quad RF sampling 3-GSPS receive ADCs
• Dual RF sampling 3-GSPS feedback ADCs
• Maximum RF signal bandwidth:
– TX: 2400 MHz for 2TX or 1200 MHz for 4TX
– FB: 1200 MHz
– RX: 1200 MHz (no FB); 600 MHz (with FB)
• RF frequency range: up to 12 GHz
• Digital Step Attenuators (DSA):
– TX: 40 dB range, 1-dB analog and 0.125-dB
digital steps
– RX: 25 dB range, 0.5-dB steps
• Dual-band DUC/DDCs for TX and RX
• Dual NCOs for fast frequency switching
• Supports TDD operation with fast switching
between TX and RX
• Internal PLL/VCO to generate DAC/ADC clocks
• Optional external CLK at DAC or ADC rate
• SerDes data interface:
– JESD204B and JESD204C compliant
– 8 SerDes transceivers up to 29.5 Gbps
– 8b/10b and 64b/66b encoding
– 12-bit, 16-bit, 24-bit, and 32-bit resolution
– Subclass 1 multi-device synchronization
• Package: 17-mm × 17-mm FCBGA, 0.8-mm pitch

2 Applications
• Macro remote radio unit (RRU)
• Active antenna system mMIMO (AAS)
• Small cell base station
• Repeater
• 5G mmWave radio
• Distributed Antenna Systems (DAS)

3 Description
The high performance, wide bandwidth multi-channel
transceiver, integrating four RF sampling transmitter
chains, four RF sampling receiver chains, and two
RF sampling digitizing auxiliary chains (feedback
paths). The high dynamic range of the transmitter
and receiver chains allows the device to generate and
receive 3G, 4G, and 5G signals from wireless base
stations, while the wide bandwidth capability of the is
designed for multi-band 4G and 5G base stations.
Each receiver chain includes a 25-dB range DSA
(Digital Step Attenuator), followed by a 3-GSPS ADC
(analog-to-digital converter). Each receiver channel
has an analog peak power detector and various
digital power detectors to assist an external or
internal autonomous automatic gain controller, and
RF overload detectors for device reliability protection.
The single or dual digital down converters (DDC)
provide up to 600 MHz of combined signal BW in dual
DDC mode or 1200-MHz BW in single DDC mode. In
TDD mode, the receiver channel can be configured to
dynamically switch between the traffic receiver (TDD
RX) and wideband feedback receiver (TDD FB), with
the capability of reusing the same analog input for
both purposes.
Each transmitter chain includes a single or dual
digital up-converters (DUCs) supporting up to 2400
MHz for 2TX or 1200 MHz BW for 4TX combined
signal bandwidth. The output of the DUCs drives a 12-
GSPS DAC (digital-to-analog converter) with a mixed
mode output option to enhance 2nd or 3rd Nyquist
operation. The DAC output includes a variable gain
amplifier (TX DSA) with 40-dB range and 1-dB analog
and 0.125-dB digital steps.
The feedback path includes an 25-dB range DSA
driving a 3-GSPS RF sampling ADC, followed by a
DDC with up to 1200 MHz bandwidth.




Similar Part No. - AFE7952

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7952 TI-AFE7952 Datasheet
703Kb / 8P
AFE7952 Quad-Channel RF Transceiver
NOVEMBER 2022
AFE7952 TI-AFE7952 Datasheet
862Kb / 13P
AFE7952 Quad-Channel RF Transceiver
NOVEMBER 2022
AFE7952IABJ TI-AFE7952IABJ Datasheet
862Kb / 13P
AFE7952 Quad-Channel RF Transceiver
NOVEMBER 2022
AFE7952 TI-AFE7952_V01 Datasheet
862Kb / 13P
AFE7952 Quad-Channel RF Transceiver
NOVEMBER 2022
More results


Similar Description - AFE7952

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7799 TI1-AFE7799 Datasheet
338Kb / 9P
Quad-Channel RF Transceiver With Feedback Path
AFE7769 TI1-AFE7769 Datasheet
341Kb / 9P
AFE7769 Quad-Channel RF Transceiver With Feedback Path
AFE7700 TI1-AFE7700 Datasheet
349Kb / 8P
AFE7700 Quad-Channel General Purpose RF Transceiver
AFE7920 TI1-AFE7920 Datasheet
350Kb / 12P
AFE79xx Quad-Channel RF Transceiver With Feedback Path
logo
Analog Devices
ADRV9026 AD-ADRV9026 Datasheet
2Mb / 118P
Integrated, Quad RF Transceiver with Observation Path
8/2020-Rev. A to Rev. B
logo
Texas Instruments
AFE7700 TI-AFE7700_V01 Datasheet
409Kb / 12P
AFE7700 Quad-Channel General Purpose RF Transceiver
logo
Analog Devices
ADRV9010 AD-ADRV9010 Datasheet
2Mb / 115P
Integrated, Quad RF Transceiver with Observation Path
Jan-2021
ADRV9029 AD-ADRV9029 Datasheet
2Mb / 133P
Integrated, Quad RF Transceiver with Observation Path
12/2020-Revision 0
logo
Texas Instruments
AFE7952 TI-AFE7952 Datasheet
703Kb / 8P
AFE7952 Quad-Channel RF Transceiver
NOVEMBER 2022
AFE7952 TI-AFE7952_V01 Datasheet
862Kb / 13P
AFE7952 Quad-Channel RF Transceiver
NOVEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com