Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2018 Datasheet (PDF) - Texas Instruments

BQ2018 Datasheet PDF - Texas Instruments
Part # BQ2018
Download  BQ2018 Download
File Size   790.6 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Power Minder™ IC

BQ2018 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ2018 Datasheet PDF - Texas Instruments

Part # BQ2018
Download  BQ2018 Click to download

File Size   790.6 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Power Minder™ IC

BQ2018 Datasheet (HTML) - Texas Instruments


BQ2018 Product details

Features
Multifunction charge/discharge
counter
Resolves signals less than 12.5μV
Internal offset calibration improves
accuracy
1024 bits of NVRAM configured as
128 x 8
Internal temperature sensor for
self-discharge estimation
Single-wire serial interface
Dual operating modes:
- Operating: <80μA
- Sleep: <10μA
REG output for low-cost microregulation
Internal timebase eliminates external
components
8-pin TSSOP or SOIC allows battery
pack integration

General Description
The bq2018 is a low-cost charge/discharge
counter peripheral packaged in
an 8-pin TSSOP or SOIC. It works
with an intelligent host controller, providing
state-of-charge information for
rechargeable batteries.
The bq2018 measures the voltage
drop across a low-value series sense
resistor between the negative terminal
of the battery and the battery
pack ground contact. By using the accumulated
counts in the charge,
discharge, and self-discharge registers,
an intelligent host controller can
determine battery state-of-charge information.
To improve accuracy, an
offset count register is available. The
system host controller is responsible
for the register maintenance by resetting
the charge in/out and selfdischarge
registers as needed.
The bq2018 also features 128 bytes
of NVRAM registers. The upper 13
bytes of NVRAM contain the capacity
monitoring and status information.
The RBI input operates from
an external power storage source
such as a capacitor or a series cell in
the battery pack, providing register
nonvolatility for periods when the
battery is shorted to ground or when
the battery charge state is not sufficient
to operate the bq2018. During
this mode, the register backup current
is less than 100nA.
Packaged in an 8-pin TSSOP or
SOIC, the bq2018 is small enough
to fit in the crevice between two Asize
cells or within the width of a
prismatic cell.




Similar Part No. - BQ2018

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2018 TI-BQ2018 Datasheet
124Kb / 21P
Power Minder IC
BQ2018 TI-BQ2018 Datasheet
712Kb / 25P
Power Minder IC
BQ2018 TI-BQ2018 Datasheet
712Kb / 25P
Power Minder IC
BQ2018SN TI-BQ2018SN Datasheet
124Kb / 21P
Power Minder IC
BQ2018SN-E1 TI-BQ2018SN-E1 Datasheet
712Kb / 25P
Power Minder IC
More results


Similar Description - BQ2018

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2018 TI-BQ2018 Datasheet
124Kb / 21P
Power Minder IC
BQ2118 TI-BQ2118 Datasheet
369Kb / 5P
Power Minder??Mini-Board
logo
List of Unclassifed Man...
DM2018 ETC2-DM2018 Datasheet
217Kb / 3P
bq2018 Power Minder??Demonstration Module
logo
Texas Instruments
BQ2018SN-E1 TI-BQ2018SN-E1 Datasheet
712Kb / 25P
Power Minder IC
BQ2018TS-E1 TI-BQ2018TS-E1 Datasheet
712Kb / 25P
Power Minder IC
logo
Intersil Corporation
ISL95852 INTERSIL-ISL95852 Datasheet
109Kb / 2P
Integrated Power Management IC For IMVP8™ Platforms
September 10, 2015
ISL95908 INTERSIL-ISL95908 Datasheet
128Kb / 2P
Integrated Power Management IC For IMVP8™ Platforms
April 10, 2015
logo
Efficient Power Convers...
EPC23102 EPC-CO-EPC23102 Datasheet
1Mb / 15P
EPC23102 – ePower™ Stage IC
VERSION 1.0 DATE 7/20/2022
logo
Toshiba Semiconductor
TC35670FTG TOSHIBA-TC35670FTG Datasheet
425Kb / 16P
TC35670FTG Bluetooth™ LE NFC-Tag IC
November 2014
logo
Kendall Howard
0004-1-002-01 KENDALLHOWARD-0004-1-002-01 Datasheet
499Kb / 1P
UNIVERSAL WIRE MINDER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com