Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2063 Datasheet (PDF) - Texas Instruments

BQ2063 Datasheet PDF - Texas Instruments
Part # BQ2063
Download  BQ2063 Download
File Size   827.48 Kbytes
Page   60 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC WITH PROTECTOR INTERFACE

BQ2063 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ2063 Datasheet PDF - Texas Instruments

Part # BQ2063
Download  BQ2063 Click to download

File Size   827.48 Kbytes
Page   60 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC WITH PROTECTOR INTERFACE

BQ2063 Datasheet (HTML) - Texas Instruments


BQ2063 Product details

Provides Accurate Measurement of
Available Charge in Li-Ion Batteries
Supports the 2-Wire SMBus V1.1 Interface
With PEC or Single-Wire HDQ16
Directly Interfaces the Seiko S-8243
Protection IC for Maximum Safety
Protection and Minimal Component Count
Supports Internal or External Thermistor
Reports Individual Cell Voltages
Uses 15-Bit ADC for Accurate Voltage,
Temperature, and Current Measurements
Measures Charge Flow Using A V-to-F
Converter With Offset of Less Than 16 μV
After Calibration
Consumes Less Than 0.5 mW Operating
Drives 4- or 5-Segment LED Display for
Remaining Capacity Indication
28-Pin 150-Mil SSOP

description
The bq2063 SBS-compliant gas gauge IC for battery-pack or in-system installation maintains an accurate
record of available charge in Li-Ion batteries. The bq2063 monitors capacity and other critical parameters in
Li-Ion battery packs. It also directly interfaces the Seiko S-8243 protection IC to minimize component count in
smart-battery circuits.
The bq2063 uses a V-to-F converter with automatic offset correction for charge and discharge counting. For
voltage, temperature, and current reporting, the bq2063 uses an A-to-D converter. In conjunction with the
S-8243, the onboard ADC also monitors individual cell voltages in a Li-Ion battery pack and allows the bq2063
to generate control signals to enhance pack safety.
The bq2063 supports the smart battery data (SBData) commands and charge-control functions. It
communicates data using the system management bus (SMBus) 2-wire protocol or the 1-wire HDQ16 protocol.
The data available include the battery’s remaining capacity, temperature, voltage, current, and remaining
run-time predictions. The bq2063 provides LED drivers and a push-button input to depict remaining battery
capacity from full to empty in 20% or 25% increments with a 4- or 5-segment display.
The bq2063 works with an external EEPROM. The EEPROM stores the configuration information for the
bq2063, such as the battery’s chemistry, self-discharge rate, rate-compensation factors, measurement
calibration, and design voltage and capacity. The bq2063 uses the programmable self-discharge rate and other
compensation factors stored in the EEPROM to accurately adjust remaining capacity for use and standby
conditions based on time, rate, and temperature. The bq2063 also automatically calibrates or learns the true
battery capacity in the course of a discharge cycle from programmable near full to near empty levels.
The S-8243 protection IC may be used to provide power to the bq2063 from a 3- or 4-series Li-Ion cell stack.




Similar Part No. - BQ2063

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2063 TI-BQ2063 Datasheet
740Kb / 58P
SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC WITH PROTECTOR INTERFACE
BQ2063 TI1-BQ2063 Datasheet
1Mb / 60P
SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC
BQ2063DBQ TI1-BQ2063DBQ Datasheet
1Mb / 60P
SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC
BQ2063DBQG4 TI1-BQ2063DBQG4 Datasheet
1Mb / 60P
SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC
BQ2063 TI1-BQ2063_15 Datasheet
1Mb / 60P
SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC
More results


Similar Description - BQ2063

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
SBS v1.1-Compliant Gas Gauge IC
BQ2060A TI-BQ2060A Datasheet
722Kb / 46P
SBS v1.1-Compliant Gas Gauge IC
BQ2063 TI-BQ2063 Datasheet
740Kb / 58P
SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC WITH PROTECTOR INTERFACE
BQ2084-V143 TI-BQ2084-V143 Datasheet
1Mb / 69P
SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V140 TI-BQ2084-V140 Datasheet
1Mb / 68P
SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V150 TI1-BQ2084-V150 Datasheet
1Mb / 69P
SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
SBS V1.1-COMPLIANT GAS GAUGE IC
BQ2084DBTR-V150 TI1-BQ2084DBTR-V150 Datasheet
1Mb / 69P
SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2060A TI1-BQ2060A_15 Datasheet
1Mb / 61P
SBS v1.1-Compliant Gas Gauge IC
BQ2063 TI1-BQ2063_15 Datasheet
1Mb / 60P
SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com