Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ3050DBT Datasheet (PDF) - Texas Instruments

BQ3050DBT Datasheet PDF - Texas Instruments
Part # BQ3050DBT
Download  BQ3050DBT Download
File Size   887.12 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq3050 CEDV Gas Gauge and Battery Pack Manager for 2-Series, 3-Series, and 4-Series Li-Ion Batteries

BQ3050DBT Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ3050DBT Datasheet PDF - Texas Instruments

Part # BQ3050DBT
Download  BQ3050DBT Click to download

File Size   887.12 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq3050 CEDV Gas Gauge and Battery Pack Manager for 2-Series, 3-Series, and 4-Series Li-Ion Batteries

BQ3050DBT Datasheet (HTML) - Texas Instruments


BQ3050DBT Product details

1 Features
1• Fully Integrated 2-Series, 3-Series, and 4-Series
Li-Ion or Li-Polymer Cell Battery Pack Manager
and Protection
• Advanced Compensated End-of-Discharge
Voltage (CEDV) Gauging
• High Side N-CH Protection FET Drive
• Integrated Pre-Charge FET
• Integrated Cell Balancing
• Low Power Modes
– Low Power: < 180 μA
– Sleep < 76 μA
• Full Array of Programmable Protection Features
– Voltage
– Current
– Temperature
• Sophisticated Charge Algorithms
– JEITA
– Enhanced Charging
– Adaptive Charging
• Supports Two-Wire SMBus v1.1 Interface
• SHA-1 Authentication
• Compact Package: 38-Lead TSSOP

2 Applications
• Notebook/Netbook PCs
• Medical and Test Equipment
• Portable Instrumentation

3 Description
The Texas Instruments bq3050 Compensated End-
of-Discharge Voltage (CEDV) Gas Gauge and Battery
Pack Manager is a single-chip solution that provides a rich array of features for protection, authentication,
and data gathering for 2-series, 3-series, and 4-series
cell Li-Ion and Li-Polymer battery packs.
Using its integrated high-performance analog
peripherals, the bq3050 device measures and
maintains an accurate record of available capacity,
voltage, current, temperature, and other critical parameters in Li-Ion or Li-Polymer batteries, and
reports this information to the system host controller
over an SMBus v1.1 compatible interface.
The bq3050 provides software-based 1st-level and
2nd-level safety protection for overvoltage,
undervoltage, overtemperature, and overcharge conditions, as well as hardware-based protection for
overcurrent in discharge and short circuit in charge
and discharge conditions.
SHA-1 authentication with secure memory for
authentication keys enables identification of genuine
battery packs beyond any doubt.
The compact 38-lead TSSOP package minimizes
solution cost and size for smart batteries while providing maximum functionality and safety for
battery gauging applications.




Similar Part No. - BQ3050DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3050DBT TI-BQ3050DBT Datasheet
735Kb / 28P
2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3050DBTR TI-BQ3050DBTR Datasheet
735Kb / 28P
2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results


Similar Description - BQ3050DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3050 TI-BQ3050 Datasheet
735Kb / 28P
2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055 TI-BQ3055 Datasheet
632Kb / 23P
2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ28400PWR TI-BQ28400PWR Datasheet
411Kb / 24P
Tablet PC and Netbook 2-Series Cell Li-Ion Battery Gas Gauge and Protection
BQ30Z554-R1 TI1-BQ30Z554-R1 Datasheet
923Kb / 29P
2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055 TI1-BQ3055_14 Datasheet
914Kb / 27P
2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055 TI1-BQ3055_15 Datasheet
1Mb / 38P
CEDV Gas Gauge and Battery Pack Manager
BQ40Z50-R1 TI1-BQ40Z50-R1 Datasheet
3Mb / 55P
Li-Ion Battery Pack Manager
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ40Z80 TI1-BQ40Z80 Datasheet
1Mb / 46P
2-Series to 7-Series Li-Ion Battery Pack Manager
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com