Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUF07703 Datasheet (PDF) - Texas Instruments

BUF07703 Datasheet PDF - Texas Instruments
Part # BUF07703
Download  BUF07703 Download
File Size   820.7 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Multi-Channel LCD Gamma Correction Buffer

BUF07703 Datasheet (PDF)

Go To PDF Page Download Datasheet
BUF07703 Datasheet PDF - Texas Instruments

Part # BUF07703
Download  BUF07703 Click to download

File Size   820.7 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Multi-Channel LCD Gamma Correction Buffer

BUF07703 Datasheet (HTML) - Texas Instruments


BUF07703 Product details

1FEATURES
23• Gamma Correction Channels: 6, 4
• Integrated VCOM Buffer
• Excellent Output Current Drive:
– Gamma Channels: > 10mA
– VCOM: > 100mA typ
• Large Capacitive Load Drive Capability
• Rail-to-Rail Output
• PowerPAD™ Package: BUF07703
• Low-Power/Channel: < 250μA
• Wide Supply Range: 4.5V to 16V
• Specified for –40°C to 85°C
• High ESD Rating: 4kV HBM, 1.5kV CDM

APPLICATIONS
• LCD Flat Panel Displays
• LCD Television Displays

DESCRIPTION
The BUFxx703 are a series of multi-channel buffers
targeted towards gamma correction in high-resolution
liquid crystal display (LCD) panels. The number of
gamma correction channels required depends on a
variety of factors and differs greatly from design to
design. Therefore, various channel options are
offered. For additional space and cost savings, a
VCOM channel with higher current drive capability is
integrated in the BUF07703 and BUF05703.
A flow-through pinout has been adopted to allow
simple printed circuit board (PCB) routing and
maintain the cost-effectiveness of this solution. All
inputs and outputs of the BUFxx703 incorporate
internal ESD protection circuits that prevent functional
failures at voltages up to 4kV HBM and 1.5kV CDM.
The various buffers within the BUFxx703 are carefully
matched to the voltage I/O requirements for the gamma correction application. Each buffer is capable
of driving heavy capacitive loads and offers fast load
current switching. The VCOM channel has increased
output drive of > 100mA and can handle even larger
capacitive loads.
The BUF07703 is available in the HTSSOP
PowerPAD™ package for dramatically increased
power dissipation capability. The BUF06703 and
BUF05703 are available in standard TSSOP-16 and
TSSOP-14 packages.




Similar Part No. - BUF07703

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
BUF07703 BURR-BROWN-BUF07703 Datasheet
487Kb / 25P
MULTI-CHANNEL LEC GAMMA CORRECTION BUFFER
logo
Texas Instruments
BUF07703 TI1-BUF07703 Datasheet
1Mb / 32P
Multi-Channel LCD Gamma Correction Buffer
BUF07703 TI2-BUF07703 Datasheet
820Kb / 30P
Multi-Channel LCD Gamma Correction Buffer
REVISED APRIL 2010
BUF07703 TI2-BUF07703 Datasheet
1Mb / 26P
REFERENCE VOLTAGE GENERATOR for LCD GAMMA CORRECTION
REVISED DECEMBER 2007
BUF07703PWP TI1-BUF07703PWP Datasheet
1Mb / 32P
Multi-Channel LCD Gamma Correction Buffer
More results


Similar Description - BUF07703

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2111R SONY-CXA2111R Datasheet
357Kb / 18P
LCD Signal Processor (Gamma Correction)
logo
Burr-Brown (TI)
BUF11702 BURR-BROWN-BUF11702 Datasheet
517Kb / 24P
MULTI CHANNEL LCD GAMMA CORRECTION BUFFER
BUF06703 BURR-BROWN-BUF06703 Datasheet
487Kb / 25P
MULTI-CHANNEL LEC GAMMA CORRECTION BUFFER
BUF12800 BURR-BROWN-BUF12800 Datasheet
282Kb / 20P
REFERENCE VOLTAGE GENERATOR for LCD GAMMA CORRECTION
logo
Analog Devices
ADD8506 AD-ADD8506 Datasheet
154Kb / 8P
6-Channel, Muxed Input Line Inversion LCD Gamma Buffer
9/05-Revision 0
logo
Burr-Brown (TI)
BUF05704 BURR-BROWN-BUF05704 Datasheet
370Kb / 25P
18 - V SUPPLY MULTI - CHANNER GAMMA CORRECTION BUFFER
BUF11705 BURR-BROWN-BUF11705 Datasheet
304Kb / 17P
22 - V Supply, 10 1 Channel Gamma Correction Buffer
logo
Texas Instruments
BUF07703 TI1-BUF07703_16 Datasheet
1Mb / 32P
Multi-Channel LCD Gamma Correction Buffer
BUF11702 TI1-BUF11702_16 Datasheet
673Kb / 28P
MULTI-CHANNEL LCD GAMMA CORRECTION BUFFER
logo
Rohm
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
Multi-channel System Power Supply IC Gamma Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com