Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550 Datasheet (PDF) - Texas Instruments

CC2550 Datasheet PDF - Texas Instruments
Part # CC2550
Download  CC2550 Download
File Size   834.2 Kbytes
Page   62 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Cost Low-Power 2.4 GHz RF Transmitter

CC2550 Datasheet (PDF)

Go To PDF Page Download Datasheet
CC2550 Datasheet PDF - Texas Instruments

Part # CC2550
Download  CC2550 Click to download

File Size   834.2 Kbytes
Page   62 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Cost Low-Power 2.4 GHz RF Transmitter

CC2550 Datasheet (HTML) - Texas Instruments


CC2550 Product details

Applications
• 2400-2483.5 MHz ISM/SRD band systems
• Consumer electronics
• Wireless game controllers
• Wireless audio
• RF enabled remote controls

Product Description
The CC2550 is a low-cost 2.4 GHz transmitter
designed for very low-power wireless applications.
The circuit is intended for the 2400-
2483.5 MHz ISM (Industrial, Scientific and
Medical) and SRD (Short Range Device) frequency
band.
The RF transmitter is integrated with a highly
configurable baseband modulator. The
modulator supports various modulation
formats and has a configurable data rate up to
500 kBaud.
The CC2550 provides extensive hardware
support for packet handling, data buffering and
burst transmissions.
The main operating parameters and the 64-
byte transmit FIFO of CC2550 can be controlled
via an SPI interface. In a typical system, the
CC2550 will be used together with a microcontroller
and a few passive components.

Key Features
RF Performance
• Programmable output power up to +1 dBm
• Programmable data rate from 1.2 to 500
kBaud
• Frequency range: 2400 – 2483.5 MHz
Analog Features
• OOK, 2-FSK, GFSK, and MSK supported
• Suitable for frequency hopping and multichannel
systems due to a fast settling
frequency synthesizer with 90 us settling
time
• Integrated analog temperature sensor
Digital Features
• Flexible support for packet oriented
systems: On-chip support for sync word
insertion, flexible packet length, and
automatic CRC handling
• Efficient SPI interface: All registers can be
programmed with one “burst” transfer
• Optional automatic whitening of data

Low-Power Features
• 200 nA SLEEP mode current consumption
• Fast startup time: 240 us from SLEEP to
TX mode (measured on EM design [3])
• 64-byte TX data FIFO (enables burst
mode data transmission)

General
• Few external components: Complete onchip
frequency synthesizer, no external
filters needed
• Green package: RoHS compliant and no
antimony or bromine
• Small size (QLP 4x4 mm package, 16
pins)
• Suited for systems compliant with EN 300
328 and EN 300 440 class 2 (Europe),
FCC CFR47 Part 15 (US), and ARIB STDT66
(Japan)
• Support for asynchronous and
synchronous serial transmit mode for
backwards compatibility with existing radio
communication protocols




Similar Part No. - CC2550

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2550 TI-CC2550 Datasheet
882Kb / 50P
Single Chip Low Cost Low Power RF-Transmitter
CC2550 TI-CC2550 Datasheet
672Kb / 55P
Single Chip Low Cost Low Power RF Transmitter
CC2550 TI-CC2550 Datasheet
740Kb / 59P
Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550 TI1-CC2550 Datasheet
1Mb / 61P
Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550-RTR1 TI-CC2550-RTR1 Datasheet
672Kb / 55P
Single Chip Low Cost Low Power RF Transmitter
More results


Similar Description - CC2550

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2550 TI-CC2550 Datasheet
882Kb / 50P
Single Chip Low Cost Low Power RF-Transmitter
CC2400 TI-CC2400_07 Datasheet
862Kb / 83P
2.4 GHz Low-Power RF Transceiver
CC2550 TI-CC2550_06 Datasheet
672Kb / 55P
Single Chip Low Cost Low Power RF Transmitter
CC1150 TI-CC1150 Datasheet
594Kb / 50P
Single Chip Low Cost Low Power RF-Transmitter
CC2500 TI-CC2500_11 Datasheet
2Mb / 96P
Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2550 TI-CC2550_11 Datasheet
740Kb / 59P
Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
2.4 GHz Low-Power RF Transceiver
CC2550RSTR TI1-CC2550RSTR Datasheet
1Mb / 61P
Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2500RGPR TI1-CC2500RGPR Datasheet
2Mb / 99P
Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2550 TI1-CC2550_13 Datasheet
1Mb / 61P
Low-Cost Low-Power 2.4 GHz RF Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com