Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUF01900 Datasheet (PDF) - Texas Instruments

BUF01900 Datasheet PDF - Texas Instruments
Part # BUF01900
Download  BUF01900 Download
File Size   907.14 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory

BUF01900 Datasheet (PDF)

Go To PDF Page Download Datasheet
BUF01900 Datasheet PDF - Texas Instruments

Part # BUF01900
Download  BUF01900 Click to download

File Size   907.14 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory

BUF01900 Datasheet (HTML) - Texas Instruments


BUF01900 Product details

1FEATURES
234• 24-CHANNEL GAMMA
– 22-CHANNEL PROGRAMMABLE
– 2-CHANNEL STATIC GAMMA
• 2-CHANNEL PROGRAMMABLE VCOM • 10-BIT RESOLUTION
• 16x REWRITABLE NONVOLATILE MEMORY
• TWO INDEPENDENT MEMORY BANKS
• RAIL-TO-RAIL OUTPUT
• LOW SUPPLY CURRENT: 0.5mA/channel
• SUPPLY VOLTAGE: 9V to 20V
• DIGITAL SUPPLY: 2V to 5.5V
• I2C™ INTERFACE

APPLICATIONS
• TFT-LCD REFERENCE DRIVERS

DESCRIPTION
The BUF22821 offers 22 programmable gamma
channels, two programmable VCOM channels, and two
static gamma channels. It is ideal for the new 10-bit
source drivers that require 22 gamma channels.
The final gamma and VCOM values can be stored in the on-chip, nonvolatile memory. To allow for
programming errors or liquid crystal display (LCD)
panel rework, the BUF22821 supports up to 16 write
operations to the on-chip memory. The BUF22821
has two separate banks of memory, allowing
simultaneous storage of two different gamma curves
to facilitate switching between gamma curves.
All gamma and VCOM channels offer a rail-to-rail output that typically swings to within 100mV of either
supply rail with a 10mA load. All channels are
programmed using an I2C interface that supports
standard operations up to 400kHz and high-speed
data transfers up to 3.4MHz.
The BUF22821 is manufactured using Texas
Instruments’ proprietary, state-of-the-art, high-voltage
CMOS process. This process offers very dense logic
and high supply voltage operation of up to 20V. The
BUF22821 is offered in a HTSSOP-38 PowerPAD™
package. It is specified from –40°C to +85°C.




Similar Part No. - BUF01900

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF01900 TI-BUF01900 Datasheet
693Kb / 25P
Programmable Voltage Source with Memory
BUF01900 TI1-BUF01900 Datasheet
1Mb / 31P
Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF01900 TI1-BUF01900 Datasheet
1Mb / 32P
Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF01900 TI1-BUF01900 Datasheet
1Mb / 35P
Programmable Gamma-Voltage Generator and High Slew Rate VCOM
BUF01900 TI1-BUF01900 Datasheet
1Mb / 31P
Programmable Gamma-Voltage Generator
More results


Similar Description - BUF01900

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF22821 TI-BUF22821 Datasheet
751Kb / 25P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
EPCOS
BUF16821 EPCOS-BUF16821 Datasheet
826Kb / 29P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Texas Instruments
BUF16821 TI-BUF16821 Datasheet
826Kb / 29P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF16821 TI-BUF16821_1 Datasheet
813Kb / 30P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF08821 TI-BUF08821 Datasheet
778Kb / 27P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF08832 TI-BUF08832 Datasheet
800Kb / 30P
Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF20800-Q1 TI1-BUF20800-Q1 Datasheet
1Mb / 32P
18-CHANNEL GAMMA VOLTAGE GENERATOR WITH TWO PROGRAMMABLE VCOM CHANNELS
BUF12840 TI-BUF12840_12 Datasheet
395Kb / 26P
Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF08832 TI1-BUF08832_14 Datasheet
1Mb / 31P
Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF12840 TI1-BUF12840_14 Datasheet
1Mb / 32P
Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com