Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4086B Datasheet (PDF) - Texas Instruments

CD4086B Datasheet PDF - Texas Instruments
Part # CD4086B
Download  CD4086B Download
File Size   815.9 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate

CD4086B Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4086B Datasheet PDF - Texas Instruments

Part # CD4086B
Download  CD4086B Click to download

File Size   815.9 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate

CD4086B Datasheet (HTML) - Texas Instruments


CD4086B Product details

Features:
Bm Medium-speed operation — tp = 90 ns;
tpLH ™ 140 ns {typ.) at TOV
INHIBIT and ENABLE inputs :
Buffered outputs
= 100% tested for quiescent current at 20 V
Maximum input leakage current of 18 V
over full package-temperature range;
100 nA at 18 V and 25°C
Noise margin (over full package
termperature range):
1VatVpp=5V
2VatVpp=10V
25VatVpp=15V
Standardized, symmetrical output
characteristics
5-V, 10-V, and 15-V parametric ratings
Meets all requirements of JEDEC Tentative
Standard No. 138, “Standard Specifications
for Description of ‘B’ Series CMOS Devices”




Similar Part No. - CD4086B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4086B TI-CD4086B Datasheet
539Kb / 12P
CMOS EXPANDABLE 4-WIDE 2-INPUT AND-OR-INVERT GATE
CD4086B TI1-CD4086B Datasheet
828Kb / 13P
CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
CD4086B-MIL TI1-CD4086B-MIL Datasheet
828Kb / 13P
CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
CD4086BE TI-CD4086BE Datasheet
539Kb / 12P
CMOS EXPANDABLE 4-WIDE 2-INPUT AND-OR-INVERT GATE
CD4086BE TI1-CD4086BE Datasheet
828Kb / 13P
CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
More results


Similar Description - CD4086B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4086B TI-CD4086B Datasheet
539Kb / 12P
CMOS EXPANDABLE 4-WIDE 2-INPUT AND-OR-INVERT GATE
SN5450 TI-SN5450 Datasheet
114Kb / 4P
DUAL 2-WIDE 2-INPUT AND-OR-INVERT GATES ONE GATE EXPANDABLE
logo
Hitachi Semiconductor
HD14506B HITACHI-HD14506B Datasheet
81Kb / 6P
Dual 2-wide 2-input Expandable AND-OR-INVERT Gate
logo
National Semiconductor ...
DM74LS55 NSC-DM74LS55 Datasheet
112Kb / 6P
2-Wide, 4-Input AND-OR-INVERT Gate
logo
Intersil Corporation
CD4086BMS INTERSIL-CD4086BMS Datasheet
85Kb / 9P
CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
logo
List of Unclassifed Man...
MC454 ETC1-MC454 Datasheet
329Kb / 2P
EXPANDABLE 3-WIDE 3-INPUT AND-OR-INVERT GATE
logo
National Semiconductor ...
DM7450 NSC-DM7450 Datasheet
88Kb / 4P
Expandable Dual 2-Wide 2-Input AND-OR-INVERT Gate
logo
Texas Instruments
CD4086B TI1-CD4086B_14 Datasheet
828Kb / 13P
CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
SN5450 TI1-SN5450_14 Datasheet
317Kb / 9P
DUAL 2-WIDE 2-INPUT AND-OR-INVERT GATES ONE GATE EXPANDABLE
logo
Motorola, Inc
MC14506UB MOTOROLA-MC14506UB Datasheet
241Kb / 7P
Dual 2-wide, 2-input Expandable And-Or-Invert Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com