Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4055BPW Datasheet (PDF) - Texas Instruments

CD4055BPW Datasheet PDF - Texas Instruments
Part # CD4055BPW
Download  CD4055BPW Download
File Size   803.89 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Liquid-Crystal Display Drivers

CD4055BPW Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4055BPW Datasheet PDF - Texas Instruments

Part # CD4055BPW
Download  CD4055BPW Click to download

File Size   803.89 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Liquid-Crystal Display Drivers

CD4055BPW Datasheet (HTML) - Texas Instruments


CD4055BPW Product details

Features:
Operation of liquid crystals with CMOS
circuits provides ultra-low-pawer displays
Equivalent ac output drive for liquid-
crystal displays — no external capacitor required
= Voltage doubling across display, e.g.
VDD — VEE = 18 V results in effective
36 V pp drive across selected display
segments
Low- or high-output level de drive for
other types of displays
On-chip logic-level conversion for different
input- and output-level swings
Full decoding of all input combinations:
0-9, L, H, P, A~, and blank positions
Strobed-latch function—CD4054B Series
and CD40568 Series
DISPLAY-FREQUENCY (DF) output
for liquid-crystal common-line drive signal—
CCDA4055B Series (CD4054B Series also:
see introductory text)
100% tested for quiescent current at 20 V
Maximum input current of 1 uA at 18 V
over full package temperature range;
100 nA at 18 V and 26°C
= Noise margin (over full package temper-
ature range):
1VatVpp=5V
2VatVpp=10V
25VatVpp=15V or
5-V,10-V, and 15-V parametric ratings




Similar Part No. - CD4055BPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4055BPW TI1-CD4055BPW Datasheet
1,002Kb / 18P
CMOS Lquid-Crystal Display Drivers
CD4055BPW TI1-CD4055BPW Datasheet
983Kb / 18P
CMOS Liquid-Crystal Display Drivers
CD4055BPW TI-CD4055BPW Datasheet
983Kb / 18P
CMOS Liquid-Crystal Display Drivers
CD4055BPW TI1-CD4055BPW Datasheet
1Mb / 17P
CMOS Liquid-Crystal Display Drivers
CD4055BPWE4 TI1-CD4055BPWE4 Datasheet
1,002Kb / 18P
CMOS Lquid-Crystal Display Drivers
More results


Similar Description - CD4055BPW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM5452 NSC-MM5452 Datasheet
190Kb / 8P
Liquid Crystal Display Drivers
logo
STMicroelectronics
HCC4054B STMICROELECTRONICS-HCC4054B Datasheet
334Kb / 15P
LIQUID-CRYSTAL DISPLAY DRIVERS
Mar-1989
logo
Texas Instruments
CD4054B TI-CD4054B Datasheet
311Kb / 6P
CMOS LIQUID-CRYSTAL DISPLAY DRIVERS
logo
National Semiconductor ...
MM5452 NSC-MM5452_01 Datasheet
315Kb / 9P
Liquid Crystal Display Drivers
logo
Texas Instruments
CD4054B TI-CD4054B_12 Datasheet
1,002Kb / 18P
CMOS Liquid-Crystal Display Drivers
CD4055BE TI1-CD4055BE Datasheet
1,002Kb / 18P
CMOS Lquid-Crystal Display Drivers
CD4054BPWR TI1-CD4054BPWR Datasheet
983Kb / 18P
CMOS Liquid-Crystal Display Drivers
CD4055BPWRG4 TI-CD4055BPWRG4 Datasheet
983Kb / 18P
CMOS Liquid-Crystal Display Drivers
CD4054B TI1-CD4054B_15 Datasheet
1Mb / 17P
CMOS Liquid-Crystal Display Drivers
MM5452 TI1-MM5452 Datasheet
636Kb / 13P
Liquid Crystal Display Drivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com