Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74AC323M Datasheet (PDF) - Texas Instruments

CD74AC323M Datasheet PDF - Texas Instruments
Part # CD74AC323M
Download  CD74AC323M Download
File Size   837.4 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDx4AC299, CD74AC323, CDx4ACT299 8-Lnput Universal Shift/Storage Register with Common Parallel I/O Pins

CD74AC323M Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74AC323M Datasheet PDF - Texas Instruments

Part # CD74AC323M
Download  CD74AC323M Click to download

File Size   837.4 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDx4AC299, CD74AC323, CDx4ACT299 8-Lnput Universal Shift/Storage Register with Common Parallel I/O Pins

CD74AC323M Datasheet (HTML) - Texas Instruments


CD74AC323M Product details

1 Features
Type Features
• Buffered inputs
• Typical propagation delay:
6ns @ V CC = 5V, T A = 25°C, C L = 50pF
Family Features
• SCR-Latchup-resistant CMOS process and circuit
design
• Speed of bipolar FAST*/AS/S with significantly
reduced power consumption
• Balanced propagation delays
• AC types feature 1.5V to 5.5V operation and
balanced noise immunity at 30% of the supply
• ± 24mA output drive current
– Fanout to 15 FAST* ICs
– Drives 50ohm transmission lines

2 Description
The RCA CDx4AC299 and CD74AC323 and the
CDx4ACT299 are 3-state, 8-input universal shift/
storage registers with common parallel I/O pins.




Similar Part No. - CD74AC323M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC323M TI-CD74AC323M Datasheet
281Kb / 13P
8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
CD74AC323M TI-CD74AC323M Datasheet
991Kb / 17P
8-Input Universal Shift Storage Register with Common Parallel
CD74AC323MG4 TI-CD74AC323MG4 Datasheet
991Kb / 17P
8-Input Universal Shift Storage Register with Common Parallel
More results


Similar Description - CD74AC323M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC299 NSC-54AC299 Datasheet
221Kb / 10P
8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
54F299DM NSC-54F299DM Datasheet
194Kb / 10P
Octal Universal Shift/Storage Register with Common Parallel I/O Pins
DM54LS299 NSC-DM54LS299 Datasheet
167Kb / 8P
8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
logo
ON Semiconductor
MC74AC299 ONSEMI-MC74AC299 Datasheet
257Kb / 11P
8?묲nput Universal Shift/Storage Register with Common Parallel I/O Pins
June, 2006 ??Rev. 8
logo
Texas Instruments
CD54-74AC299 TI-CD54-74AC299 Datasheet
281Kb / 13P
8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Fairchild Semiconductor
74F299 FAIRCHILD-74F299 Datasheet
70Kb / 6P
Octal Universal Shift/Storage Register with Common Parallel I/O Pins
logo
Intersil Corporation
CD54ACT299 INTERSIL-CD54ACT299 Datasheet
17Kb / 2P
8-Input Universal Shift/Storage Registers with Common Parallel I/O Pins
June 1997
logo
ON Semiconductor
MC74ACT299 ONSEMI-MC74ACT299 Datasheet
117Kb / 12P
8-Input Universal Shift/ Storage Register with Common Parallel I/O Pins
April, 2003 ??Rev. 6
logo
Motorola, Inc
MC74F299 MOTOROLA-MC74F299 Datasheet
172Kb / 5P
8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Fairchild Semiconductor
74AC299MTCX FAIRCHILD-74AC299MTCX Datasheet
495Kb / 14P
8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com