Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4094BF Datasheet (PDF) - Texas Instruments

CD4094BF Datasheet PDF - Texas Instruments
Part # CD4094BF
Download  CD4094BF Download
File Size   924.5 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS 8-Stage Shift-and-Store Bus Register

CD4094BF Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4094BF Datasheet PDF - Texas Instruments

Part # CD4094BF
Download  CD4094BF Click to download

File Size   924.5 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS 8-Stage Shift-and-Store Bus Register

CD4094BF Datasheet (HTML) - Texas Instruments


CD4094BF Product details

Features:
3-state parallel outputs for connection to common bus
Separate serial outputs synchronous to both positive
and negative clock edges for cascading
Medium speed operation — 5 MHz at 10 V (typ.)
Standardized, symmetrical output characteristics
100% tested for quiescent current at 20 V
= Maximum input current of 1 uA at 18 V over full package-
temperature range; 100 nA at 18 V and 25°C
= Noise margin {full package temperature range):
1VatVpp=5V 2VatVpp=10V
25 vat Vpp =15V
# 5.V, 10-V, and 15-V parametric ratings
Meets all requirements of JEDEC Tentative
Standard No. 13B, “Standard Specifications
for Description of ‘B’ Series CMOS Devices”




Similar Part No. - CD4094BF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4094BF TI-CD4094BF Datasheet
281Kb / 5P
CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
CD4094BF TI1-CD4094BF Datasheet
1Mb / 14P
CMOS 8-Stage Shift-and-Store Nus Register
CD4094BF TI1-CD4094BF Datasheet
1Mb / 14P
CMOS 8-Stage Shift-and-Store Bus Register
CD4094BF3A TI-CD4094BF3A Datasheet
1Mb / 14P
CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
CD4094BF3A TI1-CD4094BF3A Datasheet
1Mb / 14P
CMOS 8-Stage Shift-and-Store Nus Register
More results


Similar Description - CD4094BF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4094 PHILIPS-74HC4094 Datasheet
72Kb / 10P
8-stage shift-and-store bus register
December 1990
HEF4094B PHILIPS-HEF4094B Datasheet
81Kb / 7P
8-stage shift-and-store bus register
January 1995
logo
Texas Instruments
CD4094B TI-CD4094B Datasheet
281Kb / 5P
CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
logo
Intersil Corporation
CD4094BMS INTERSIL-CD4094BMS Datasheet
87Kb / 11P
CMOS 8-Stage Shift-and-Store Bus Register
December 1992
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
8-stage shift-and-store bus register
Rev. 04-30 October 2008
logo
Texas Instruments
CD4094B TI1-CD4094B Datasheet
1Mb / 14P
CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
CD4094BF3A TI-CD4094BF3A Datasheet
1Mb / 14P
CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
logo
NXP Semiconductors
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
8-stage shift-and-store bus register
Rev. 6-31 December 2012
logo
Texas Instruments
CD4094B TI1-CD4094B_15 Datasheet
1Mb / 14P
CMOS 8-Stage Shift-and-Store Bus Register
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
8-stage shift-and-store bus register
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com