Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7702002EA Datasheet (PDF) - Texas Instruments

7702002EA Datasheet PDF - Texas Instruments
Part # 7702002EA
Download  7702002EA Download
File Size   894.19 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Strobed Hex Inverter/Buffer

7702002EA Datasheet (PDF)

Go To PDF Page Download Datasheet
7702002EA Datasheet PDF - Texas Instruments

Part # 7702002EA
Download  7702002EA Click to download

File Size   894.19 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Strobed Hex Inverter/Buffer

7702002EA Datasheet (HTML) - Texas Instruments


7702002EA Product details

Features:
2 TTL-load output drive capability
3-state outputs
Common output-disable control
Inhibit control
= 100% tested for quiescent current at 20 V
5-V, 10-V, and 15-V parametric ratings
Maximum input current of 1 4A at 18 V over
full package-temperature range; 100 nA at
18 V and 25°C
Meets all requirements of JEDEC Tentative
Standard No. 138,"Standard Specifications -
for Description of ‘B’ Series CMOS Devices”
= Noise margin (full package-temperature
range) =
1VatVpp=5V
2VatVpp=10V
25VatVpp=15V




Similar Part No. - 7702002EA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
7702002EA TI-7702002EA Datasheet
506Kb / 10P
CMOS Strobed Hex Inverter/Buffer
7702002EA TI1-7702002EA Datasheet
1Mb / 15P
CMOS Strobed Hex Inverter/Buffer
More results


Similar Description - 7702002EA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4502B PHILIPS-HEF4502B Datasheet
41Kb / 4P
Strobed hex inverter/buffer
January 1995
logo
STMicroelectronics
HCC4502B STMICROELECTRONICS-HCC4502B Datasheet
265Kb / 11P
STROBED HEX INVERTER/BUFFER
Jun-1989
logo
System Logic Semiconduc...
SL4502B SLS-SL4502B Datasheet
42Kb / 5P
Strobed Hex Inverter/Buffer
logo
Hitachi Semiconductor
HD14502B HITACHI-HD14502B Datasheet
74Kb / 5P
Strobed Hex Inverter/Buffer
logo
Intersil Corporation
CD4502BMS INTERSIL-CD4502BMS Datasheet
81Kb / 8P
CMOS Strobed Hex Inverter/Buffer
December 1992
logo
Texas Instruments
CD4502B TI-CD4502B Datasheet
506Kb / 10P
CMOS Strobed Hex Inverter/Buffer
logo
Integral Corp.
IW4502B INTEGRAL-IW4502B Datasheet
188Kb / 5P
Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS
logo
STMicroelectronics
HCF4502B STMICROELECTRONICS-HCF4502B_02 Datasheet
156Kb / 9P
STROBED HEX INVERTER/BUFFER
Sep-2002
logo
Motorola, Inc
MC14502B MOTOROLA-MC14502B Datasheet
233Kb / 6P
Strobed Hex Inverter/Buffer
logo
Texas Instruments
CD4502B TI1-CD4502B_15 Datasheet
1Mb / 15P
CMOS Strobed Hex Inverter/Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com