Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC40103 Datasheet (PDF) - Texas Instruments

CD54HC40103 Datasheet PDF - Texas Instruments
Part # CD54HC40103
Download  CD54HC40103 Download
File Size   800.06 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-SPEED CMOS LOGIC 8-STAGE SYNCHRONOUS DOWN COUNTER

CD54HC40103 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD54HC40103 Datasheet PDF - Texas Instruments

Part # CD54HC40103
Download  CD54HC40103 Click to download

File Size   800.06 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-SPEED CMOS LOGIC 8-STAGE SYNCHRONOUS DOWN COUNTER

CD54HC40103 Datasheet (HTML) - Texas Instruments


CD54HC40103 Product details

Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
Extended Temperature Performance of
−40°C to 125°C
Enhanced Diminishing Manufacturing
Sources (DMS) Support
Enhanced Product-Change Notification
Qualification Pedigree†
Synchronous or Asynchronous Preset
Cascadable in Synchronous or Ripple
Mode
Fanout (Over Temperature Range)
− Standard Outputs . . . 10 LSTTL Loads
− Bus Driver Outputs . . . 15 LSTTL Loads
Balanced Propagation Delay and Transition
Times
Significant Power Reduction Compared to
LSTTL Logic ICs
VCC Voltage = 2 V to 6 V
High Noise Immunity NIL or NIH = 30% of
VCC, VCC = 5 V

description/ordering information
The CD74HC40103 is manufactured with high-speed silicon-gate technology and consists of an 8-stage
synchronous down counter with a single output, which is active when the internal count is zero. The device
contains a single 8-bit binary counter. Each device has control inputs for enabling or disabling the clock, for
clearing the counter to its maximum count, and for presetting the counter either synchronously or
asynchronously. All control inputs and the terminal count (TC) output are active-low logic.
In normal operation, the counter is decremented by one count on each positive transition of the clock (CP)
output. Counting is inhibited when the terminal enable (TE) input is high. TC goes low when the count reaches
zero, if TE is low, and remains low for one full clock period.
When the synchronous preset enable (PE) input is low, data at the P0−P7 inputs are clocked into the counter on
the next positive clock transition, regardless of the state of TE. When the asynchronous preset enable (PL) input
is low, data at the P0−P7 inputs asynchronously are forced into the counter, regardless of the state of the PE, TE,
or CP inputs. Inputs P0−P7 represent a single 8-bit binary word for the CD74HC40103. When the master reset
(MR) input is low, the counter asynchronously is cleared to its maximum count of 25510, regardless of the state of
any other input. The precedence relationship between control inputs is indicated in the truth table.




Similar Part No. - CD54HC40103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC40103 TI-CD54HC40103 Datasheet
279Kb / 14P
High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103 Datasheet
424Kb / 16P
High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103 Datasheet
158Kb / 12P
High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103 Datasheet
454Kb / 16P
High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI2-CD54HC40103 Datasheet
367Kb / 17P
High-Speed CMOS Logic 8-Stage Synchronous Down Counters
Revised October 2003
More results


Similar Description - CD54HC40103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC40103 TI-CD74HC40103 Datasheet
45Kb / 9P
High Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC4020 TI-CD74HC4020 Datasheet
42Kb / 8P
High Speed CMOS Logic 14-Stage Binary Counter
CD54HC4040 TI-CD54HC4040 Datasheet
346Kb / 15P
High-Speed CMOS Logic 12-Stage Binary Counter
CD54HC40103 TI-CD54HC40103 Datasheet
279Kb / 14P
High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103_07 Datasheet
424Kb / 16P
High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103_03 Datasheet
158Kb / 12P
High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103_08 Datasheet
454Kb / 16P
High-Speed CMOS Logic 8-Stage Synchronous Down Counters
logo
STMicroelectronics
M74HC40103 STMICROELECTRONICS-M74HC40103 Datasheet
662Kb / 16P
8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTER
Sep-2001
logo
Texas Instruments
CD74HC40103-EP TI1-CD74HC40103-EP Datasheet
395Kb / 14P
HIGH-SPEED CMOS LOGIC 8-STAGE SYNCHRONOUS DOWN COUNTER
CD54HC4020 TI1-CD54HC4020_14 Datasheet
466Kb / 17P
High-Speed CMOS Logic 14-Stage Binary Counter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com