Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC08 Datasheet (PDF) - Texas Instruments

CD54HC08 Datasheet PDF - Texas Instruments
Part # CD54HC08
Download  CD54HC08 Download
File Size   885.48 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE 2-INPUT POSITIVE-AND GATES

CD54HC08 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD54HC08 Datasheet PDF - Texas Instruments

Part # CD54HC08
Download  CD54HC08 Click to download

File Size   885.48 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE 2-INPUT POSITIVE-AND GATES

CD54HC08 Datasheet (HTML) - Texas Instruments


CD54HC08 Product details

Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
Extended Temperature Performance of Up
To −55°C to 125°C
Enhanced Diminishing Manufacturing
Sources (DMS) Support
Enhanced Product-Change Notification
Qualification Pedigree†
Buffered Inputs
Typical Propagation Delay 7 ns
at VCC = 5 V, CL = 15 pF, TA = 25°C
Fanout (Over Temperature Range)
− Standard Outputs . . . 10 LSTTL Loads
− Bus Driver Outputs . . . 15 LSTTL Loads
Balanced Propagation Delay and Transition
Times
Significant Power Reduction Compared to
LSTTL Logic ICs
2-V to 6-V VCC Operation
High Noise Immunity NIL or NIH = 30% of
VCC at VCC = 5 V
CMOS Input Compatibility, Il ≤ 1 μA at VOL,
VOH

description/ordering information
The CD74HC08 logic gates utilize silicon-gate CMOS technology to achieve operating speeds similar to LSTTL
gates, with the low power consumption of standard CMOS integrated circuits. All devices can drive 10 LSTTL
loads.




Similar Part No. - CD54HC08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC08 TI-CD54HC08 Datasheet
287Kb / 13P
High-Speed CMOS Logic Quad 2-Input AND Gate
CD54HC08 TI-CD54HC08 Datasheet
683Kb / 18P
High-Speed CMOS Logic Quad 2-Input AND Gate
CD54HC08 TI1-CD54HC08 Datasheet
618Kb / 15P
High-Speed CMOS Logic Quad 2-Input NAND Gate
CD54HC08 TI1-CD54HC08 Datasheet
611Kb / 12P
High-Speed CMOS Logic Quad 2-Input AND Gate
CD54HC08 TI2-CD54HC08 Datasheet
484Kb / 21P
CD74HC08-Q1 Automotive Quadruple 2-Input AND Gates
REVISED APRIL 2020
More results


Similar Description - CD54HC08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5408 TI-SN5408 Datasheet
625Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com