Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC390E Datasheet (PDF) - Texas Instruments

CD74HC390E Datasheet PDF - Texas Instruments
Part # CD74HC390E
Download  CD74HC390E Download
File Size   894.2 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CD74HC390, CDx4HCT390 High-Speed CMOS Logic Dual Decade Ripple Counter

CD74HC390E Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74HC390E Datasheet PDF - Texas Instruments

Part # CD74HC390E
Download  CD74HC390E Click to download

File Size   894.2 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CD74HC390, CDx4HCT390 High-Speed CMOS Logic Dual Decade Ripple Counter

CD74HC390E Datasheet (HTML) - Texas Instruments


CD74HC390E Product details

1 Features
• Two BCD decade or bi-quinary counters
• One package can be configured to divide-by-2, 4,
5, 10, 20, 25, 50, 100
• Two controller reset inputs to clear each decade
counter individually
• Fanout (over temperature range)
– Standard outputs: 10 LSTTL loads
– Bus driver outputs: 15 LSTTL loads
• Wide operating temperature range: -55°C to 125°C
• Balanced propagation delay and transition times
• Significant power reduction compared to LSTTL
logic ICs
• HC types
– 2V to 6V operation
– High noise immunity: NIL = 30%, NIH = 30% of
VCC at VCC = 5V
• HCT types
– 4.5 V to 5.5 V operation
– Direct LSTTL input logic compatibility, VIL = 0.8
V (max), VIH = 2 V (min)
– CMOS input compatibility, II ≤ 1 μA at VOL, VOH

2 Description
The SN74HC390 and ‘HCT390 devices include two
independent 4-bit decade ripple counters, falling-edge
clocked with asynchronous clear. Each counter is
divided into two sections, a divide-by-2 and divideby-
5 counter, each of which has an independent clock
input. This allows for very flexible configuration of the
device.




Similar Part No. - CD74HC390E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC390E TI-CD74HC390E Datasheet
45Kb / 8P
High Speed CMOS Logic Dual Decade Ripple Counter
CD74HC390E TI-CD74HC390E Datasheet
267Kb / 13P
High-Speed CMOS Logic Dual Decade Ripple Counter
CD74HC390E TI-CD74HC390E Datasheet
423Kb / 15P
High-Speed CMOS Logic Dual Decade Ripple Counter
CD74HC390E TI-CD74HC390E Datasheet
453Kb / 15P
High-Speed CMOS Logic Dual Decade Ripple Counter
CD74HC390EE4 TI-CD74HC390EE4 Datasheet
267Kb / 13P
High-Speed CMOS Logic Dual Decade Ripple Counter
More results


Similar Description - CD74HC390E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC390 PHILIPS-74HC390 Datasheet
49Kb / 7P
Dual decade ripple counter
December 1990
logo
Texas Instruments
CD74HC390 TI-CD74HC390 Datasheet
45Kb / 8P
High Speed CMOS Logic Dual Decade Ripple Counter
CD54HCT390 TI-CD54HCT390 Datasheet
267Kb / 13P
High-Speed CMOS Logic Dual Decade Ripple Counter
logo
List of Unclassifed Man...
74HC390 ETC1-74HC390 Datasheet
256Kb / 6P
DUAL DECADE RIPPLE COUNTER
logo
Texas Instruments
CD74HC93 TI-CD74HC93_06 Datasheet
202Kb / 10P
High-Speed CMOS Logic 4-Bit Binary Ripple Counter
CD74HC390 TI-CD74HC390_07 Datasheet
423Kb / 15P
High-Speed CMOS Logic Dual Decade Ripple Counter
CD54HC4024 TI-CD54HC4024_07 Datasheet
440Kb / 15P
High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HC390 TI-CD74HC390_08 Datasheet
453Kb / 15P
High-Speed CMOS Logic Dual Decade Ripple Counter
CD74HC93 TI-CD74HC93_08 Datasheet
381Kb / 13P
High-Speed CMOS Logic 4-Bit Binary Ripple Counter
logo
Nexperia B.V. All right...
74HC390 NEXPERIA-74HC390 Datasheet
257Kb / 15P
Dual decade ripple counter
Rev. 5 - 18 October 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com