Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC93E Datasheet (PDF) - Texas Instruments

CD74HC93E Datasheet PDF - Texas Instruments
Part # CD74HC93E
Download  CD74HC93E Download
File Size   917.25 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CD74HC93, CD74HCT93 High-Speed CMOS Logic 4-Bit Binary Ripple Counter

CD74HC93E Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74HC93E Datasheet PDF - Texas Instruments

Part # CD74HC93E
Download  CD74HC93E Click to download

File Size   917.25 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CD74HC93, CD74HCT93 High-Speed CMOS Logic 4-Bit Binary Ripple Counter

CD74HC93E Datasheet (HTML) - Texas Instruments


CD74HC93E Product details

1 Features
• Can be configured to divide by 2, 8, and 16
• Asynchronous reset
• Fanout (over temperature range)
– Standard outputs: 10 LSTTL loads
– Bus driver outputs: 15 LSTTL loads
• Wide operating temperature range: – 55°C to
125°C
• Balances propagation delay and transition times
• Signigicant power reduction compared to LSTTL
logic ICs
• HC types
– 2 V to 6 V operation
– High noise immunity: NIL = 30%, NIH = 30% of
VCC
• HCT types
– 4.5 V to 5.5 V operation
– Direct LSTTL input logic compatibility, VIL = 0.8
V (max), VIH = 2 V (min)
– CMOS input compatibility, II ≤ 1 μA at VOL, VOH

2 Description
The CD74HC93 and CD74HCT93 are high-speed
silicon-gate CMOS devices and are pin-compatible
with low power Schottky TTL (LSTTL). These 4-
bit binary ripple counters consist of four flip-flops
internally connected to provide a divide-by-two section
and a divide-by-eight section. Each section has
a separate clock input (CP0 and CP1) to initiate
state changes of the counter on the HIGH to LOW
clock transition. State changes of the Qn outputs do
not occur simultaneously because of internal ripple
delays. Therefore, decoded output signals are subject
to decoding spikes and should not be used for clocks
or strobes.




Similar Part No. - CD74HC93E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC93E TI-CD74HC93E Datasheet
48Kb / 7P
High Speed CMOS Logic 4-Bit Binary Ripple Counter
CD74HC93E TI-CD74HC93E Datasheet
202Kb / 10P
High-Speed CMOS Logic 4-Bit Binary Ripple Counter
CD74HC93E TI-CD74HC93E Datasheet
260Kb / 13P
High-Speed CMOS Logic 4-Bit Binary Ripple Counter
CD74HC93E TI-CD74HC93E Datasheet
381Kb / 13P
High-Speed CMOS Logic 4-Bit Binary Ripple Counter
CD74HC93EE4 TI-CD74HC93EE4 Datasheet
202Kb / 10P
High-Speed CMOS Logic 4-Bit Binary Ripple Counter
More results


Similar Description - CD74HC93E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC93 PHILIPS-74HC93 Datasheet
45Kb / 7P
4-bit binary ripple counter
December 1990
logo
Texas Instruments
CD74HC4024 TI-CD74HC4024 Datasheet
40Kb / 7P
High Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HC93 TI-CD74HC93 Datasheet
48Kb / 7P
High Speed CMOS Logic 4-Bit Binary Ripple Counter
CD54HC4024 TI-CD54HC4024 Datasheet
283Kb / 11P
High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD54HC4024 TI-CD54HC4024_06 Datasheet
290Kb / 13P
High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HC93 TI-CD74HC93_06 Datasheet
202Kb / 10P
High-Speed CMOS Logic 4-Bit Binary Ripple Counter
CD74HC93 TI-CD74HC93_07 Datasheet
260Kb / 13P
High-Speed CMOS Logic 4-Bit Binary Ripple Counter
CD54HC4024 TI-CD54HC4024_07 Datasheet
440Kb / 15P
High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD54HC4024 TI-CD54HC4024_08 Datasheet
470Kb / 15P
High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HC93 TI-CD74HC93_08 Datasheet
381Kb / 13P
High-Speed CMOS Logic 4-Bit Binary Ripple Counter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com