Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC377 Datasheet (PDF) - Texas Instruments

CD74HC377 Datasheet PDF - Texas Instruments
Part # CD74HC377
Download  CD74HC377 Download
File Size   789.89 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic Octal D-Type Flip-Flop With Data Enable

CD74HC377 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74HC377 Datasheet PDF - Texas Instruments

Part # CD74HC377
Download  CD74HC377 Click to download

File Size   789.89 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic Octal D-Type Flip-Flop With Data Enable

CD74HC377 Datasheet (HTML) - Texas Instruments


CD74HC377 Product details

Features
• Buffered Common Clock
• Buffered Inputs
• Typical Propagation Delay at CL = 15pF,
VCC = 5V, TA = 25oC
- 14 ns (HC Types
- 16 ns (HCT Types)
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30%of VCC at
VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1μA at VOL, VOH

Description
The ’HC377 and ’HCT377 are octal D-type flip-flops with a
buffered clock (CP) common to all eight flip-flops. All the flipflops
are loaded simultaneously on the positive edge of the
clock (CP) when the Data Enable (E) is Low.




Similar Part No. - CD74HC377

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC377 TI-CD74HC377 Datasheet
55Kb / 7P
High Speed CMOS Logic Octal D-Type Flip-Flop with Data Enable
CD74HC377 TI-CD74HC377 Datasheet
311Kb / 13P
High-Speed CMOS Logic Octal D-Type Flip-Flop With Data Enable
CD74HC377 TI1-CD74HC377 Datasheet
951Kb / 19P
High-Speed CMOS Logic Octal D-Type Flip-Flop
CD74HC377-MIL TI1-CD74HC377-MIL Datasheet
951Kb / 19P
High-Speed CMOS Logic Octal D-Type Flip-Flop
CD74HC377E TI-CD74HC377E Datasheet
55Kb / 7P
High Speed CMOS Logic Octal D-Type Flip-Flop with Data Enable
More results


Similar Description - CD74HC377

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT377A PHILIPS-74ABT377A Datasheet
55Kb / 12P
Octal D-type flip-flop with enable
1997 Feb 26
74F377A PHILIPS-74F377A Datasheet
84Kb / 10P
Octal D-type flip-flop with enable
1996 Mar 12
logo
Texas Instruments
CD74HC273 TI-CD74HC273 Datasheet
54Kb / 8P
High Speed CMOS Logic Octal D-Type Flip-Flop with Reset
CD74HC377 TI-CD74HC377 Datasheet
55Kb / 7P
High Speed CMOS Logic Octal D-Type Flip-Flop with Data Enable
CD54HC377 TI-CD54HC377 Datasheet
311Kb / 13P
High-Speed CMOS Logic Octal D-Type Flip-Flop With Data Enable
logo
NXP Semiconductors
74AC11377 PHILIPS-74AC11377 Datasheet
177Kb / 7P
OCTAL D TYPE FLIP FLOP WITH ENABLE
July 30 1990
logo
Texas Instruments
CD54HC273 TI-CD54HC273 Datasheet
295Kb / 7P
High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
74AC11377 TI1-74AC11377_10 Datasheet
107Kb / 8P
OCTAL D TYPE FLIP FLOP WITH ENABLE
CD54HC273 TI1-CD54HC273_16 Datasheet
858Kb / 18P
High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
CD54HC377 TI1-CD54HC377_16 Datasheet
951Kb / 19P
High-Speed CMOS Logic Octal D-Type Flip-Flop
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com