Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4SMA27 Datasheet (PDF) - Fuji Electric

P4SMA27 Datasheet PDF - Fuji Electric
Part # P4SMA27
Download  P4SMA27 Download
File Size   202.52 Kbytes
Page   4 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description 400 Watts Surface Mount Transient Voltage Suppressor

P4SMA27 Datasheet (PDF)

Go To PDF Page Download Datasheet
P4SMA27 Datasheet PDF - Fuji Electric

Part # P4SMA27
Download  P4SMA27 Click to download

File Size   202.52 Kbytes
Page   4 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description 400 Watts Surface Mount Transient Voltage Suppressor

P4SMA27 Datasheet (HTML) - Fuji Electric


P4SMA27 Product details

400 Watts Surface Mount Transient Voltage Suppressor



Features

For surface mounted application in order to optimize board space

Low profile package 

Built-in strain relief

Glass passivated junction

Excellent clamping capability

Fast response time: Typically less than 1.0ps from 0 volt to BV min.

Typical IRless than 1μA above 10V

High temperature soldering guaranteed: 260oC / 10 seconds at terminals

Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0

400 watts peak pulse power capability with a 10 x 1000 us waveform by 0.01% duty cycle




Similar Part No. - P4SMA27

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P4SMA27 TSC-P4SMA27 Datasheet
73Kb / 4P
Surface Mount Transient Voltage Suppressor
P4SMA27 TSC-P4SMA27 Datasheet
202Kb / 4P
400 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
P4SMA27 PANJIT-P4SMA27 Datasheet
109Kb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMA27 PANJIT-P4SMA27 Datasheet
173Kb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Taiwan Semiconductor Co...
P4SMA27 TSC-P4SMA27 Datasheet
114Kb / 4P
400 Watts Suface Mount Transient Voltage Suppressor
More results


Similar Description - P4SMA27

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P4SMA TSC-P4SMA_1 Datasheet
202Kb / 4P
400 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
P4SMAFJ PANJIT-P4SMAFJ Datasheet
481Kb / 6P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 400 Watts
P4SMA_SERIES PANJIT-P4SMA_SERIES_14 Datasheet
214Kb / 7P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 400 Watts
logo
SUNMATE electronic Co.,...
SLCA5.0 SUNMATE-SLCA5.0 Datasheet
185Kb / 2P
400 Watts Surface Mount Transient Voltage Suppressor
logo
DONGGUAN YOU FENG WEI E...
P4SMAFJ5.0A YFWDIODE-P4SMAFJ5.0A Datasheet
669Kb / 5P
Surface mount transient voltage suppressor power 400 watts
P4SMAJ-220V-SMA YFWDIODE-P4SMAJ-220V-SMA Datasheet
715Kb / 4P
Surface mount transient voltage suppressor power 400 watts
logo
Xian Semipower Electron...
P4SMAFJ SEMIPOWER-P4SMAFJ Datasheet
172Kb / 5P
Surface mount transient voltage suppressor power 400 watts
logo
Guangdong Juxing Electr...
P4SMAFJ JUXING-P4SMAFJ Datasheet
1Mb / 5P
Surface mount transient voltage suppressor power 400 watts
logo
SHIKUES Electronics
SMAFJ SKTECHNOLGY-SMAFJ Datasheet
669Kb / 4P
Surface mount transient voltage suppressor power 400 watts
SMAJ SKTECHNOLGY-SMAJ Datasheet
401Kb / 4P
Surface mount transient voltage suppressor power 400 watts
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com