Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS1/085S Datasheet (PDF) - STMicroelectronics

ACS1/085S Datasheet PDF - STMicroelectronics
Part # ACS1/085S
Download  ACS1/085S Download
File Size   117.46 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description AC LINE SWITCH

ACS1/085S Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS1/085S Datasheet PDF - STMicroelectronics

Part # ACS1/085S
Download  ACS1/085S Click to download

File Size   117.46 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description AC LINE SWITCH

ACS1/085S Datasheet (HTML) - STMicroelectronics


ACS1/085S Product details

DESCRIPTION
The ACS108 belongs to the AC line switches built around the ASD™ concept. This high performance device is able to control an 0.8 A load device.
The ACS™ switch embeds a high voltage clamping structure to absorb the inductive turn-off energy and a gate level shifter driver to separate the digital controller from the main switch. It is triggered with a negative gate current flowing out of the gate pin.

FEATURES
■ Blocking voltage: VDRM / VRRM = 500V
■ Clamping voltage: VCL = 600V
■ Nominal current: IT(RMS) = 0.8 A
■ Gate triggering current : IGT < 10 mA
■ Triggering current is sourced by the gate
■ Switch integrated driver
■ Drive reference COM connected to the SOT-223 tab

BENEFITS
■ Needs no external overvoltage protection.
■ Enables the equipment to meet IEC61000-4-5 standard.
■ Allows straightforward connection of several SOT-223 devices on the same cooling pad.
■ Reduces the switch component count by up to 80%.
■ Interfaces directly with the microcontroller.
■ Eliminates any stressing gate kick back on the microcontroller.

MAIN APPLICATIONS
■ AC on-off static switching in appliance & industrial control systems
■ Drive of low power high inductive or resistive loads like:
    - relay, valve, solenoid, dispenser
    - pump, fan, micro-motor
    - low power lamp bulb, door lock




Similar Part No. - ACS1/085S

ManufacturerPart #DatasheetDescription
logo
EPCOS
ACS1.000KCV4TNLD EPCOS-ACS1.000KCV4TNLD Datasheet
137Kb / 8P
Pressure transmitters for PCB mounting (voltage output)
ACS1.000KDV4TNLD EPCOS-ACS1.000KDV4TNLD Datasheet
137Kb / 8P
Pressure transmitters for PCB mounting (voltage output)
logo
AEROTECH US. ALL RIGHTS...
ACS100-135 AEROTECH-ACS100-135 Datasheet
1Mb / 9P
Mechanical-Bearing Direct-Drive Rotary Stage
ACS100-85 AEROTECH-ACS100-85 Datasheet
1Mb / 9P
Mechanical-Bearing Direct-Drive Rotary Stage
ACS100LP AEROTECH-ACS100LP Datasheet
724Kb / 7P
Direct-Drive Rotary Collet Stage
More results


Similar Description - ACS1/085S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS102-5TX STMICROELECTRONICS-ACS102-5TX Datasheet
97Kb / 8P
AC LINE SWITCH
Oct-2001
ACS402-5SB4 STMICROELECTRONICS-ACS402-5SB4 Datasheet
84Kb / 6P
QUAD AC LINE SWITCH ARRAY
05-Apr-1000
ACS110-7SN STMICROELECTRONICS-ACS110-7SN Datasheet
116Kb / 10P
AC LINE SWITCH
Apr-2003
ACS120-7SB STMICROELECTRONICS-ACS120-7SB Datasheet
119Kb / 11P
AC LINE SWITCH
Apr-2003
ACS108-5SA STMICROELECTRONICS-ACS108-5SA Datasheet
126Kb / 8P
AC LINE SWITCH
21-Jun-2005
logo
Kersemi Electronic Co.,...
ACS110-7SN KERSEMI-ACS110-7SN Datasheet
439Kb / 10P
AC LINE SWITCH
ACS120-7SB KERSEMI-ACS120-7SB Datasheet
445Kb / 11P
AC LINE SWITCH
logo
XFMRS Inc.
XF0053V-00U2 XFMRS-XF0053V-00U2 Datasheet
38Kb / 1P
AC LINE FILTER
XF0153V-00U2 XFMRS-XF0153V-00U2 Datasheet
48Kb / 1P
AC LINE FILTER
logo
STMicroelectronics
ACS302 STMICROELECTRONICS-ACS302 Datasheet
496Kb / 12P
3-line overvoltage protected AC switch array
July 2013 Rev 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com