Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS1/085S Datasheet(PDF) 8 Page - STMicroelectronics

Part # ACS1/085S
Description  AC LINE SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS1/085S Datasheet(HTML) 8 Page - STMicroelectronics

  ACS1/085S Datasheet HTML 1Page - STMicroelectronics ACS1/085S Datasheet HTML 2Page - STMicroelectronics ACS1/085S Datasheet HTML 3Page - STMicroelectronics ACS1/085S Datasheet HTML 4Page - STMicroelectronics ACS1/085S Datasheet HTML 5Page - STMicroelectronics ACS1/085S Datasheet HTML 6Page - STMicroelectronics ACS1/085S Datasheet HTML 7Page - STMicroelectronics ACS1/085S Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ACS108-5Sx
8/8
®
PACKAGE MECHANICAL DATA
TO-92 (Plastic)
OTHER INFORMATION
REVISION HISTORY
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
ACS108-5SA
ACS108/5S
TO-92
0.2 g
2500
Bulk
ACS108-5SA-TR
ACS108/5S
TO-92
0.2 g
2000
Tape & reel
ACS108-5SN
ACS1/085S
SOT-223
0.12 g
1000
Tape & reel
Date
Revision
Description of Changes
Apr-2004
1
First Issue
21-Jun-2005
2
Marking information updated from ACSxxxx to ACS1xxx
D
F
a
E
B
A
C
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.35
0.053
B
4.70
0.185
C
2.54
0.100
D
4.40
0.173
E
12.70
0.500
F
3.70
0.146
a
0.45
0.017
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics.
All other names are the property of their respective owners
© 2005 STMicroelectronics - All rights reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan -
Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States
www.st.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com