Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28070 Datasheet (PDF) - Texas Instruments

UCC28070 Datasheet PDF - Texas Instruments
Part # UCC28070
Download  UCC28070 Download
File Size   719.43 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER

UCC28070 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC28070 Datasheet PDF - Texas Instruments

Part # UCC28070
Download  UCC28070 Click to download

File Size   719.43 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER

UCC28070 Datasheet (HTML) - Texas Instruments


UCC28070 Product details

1FEATURES
• Qualified for Automotive Applications
• Interleaved Average Current-Mode PWM
Control with Inherent Current Matching
• Advanced Current Synthesizer Current
Sensing for Superior Efficiency
• Highly-Linear Multiplier Output with Internal
Quantized Voltage Feed-Forward Correction
for Near-Unity PF
• Programmable Frequency (30 kHz to 300 kHz)
• Programmable Maximum Duty-Cycle Clamp
• Programmable Frequency Dithering Rate and
Magnitude for Enhanced EMI Reduction
– Magnitude: 3 kHz to 30 kHz
– Rate: Up to 30 kHz
• External Clock Synchronization Capability
• Enhanced Load and Line Transient Response
through Voltage Amplifier Output Slew-Rate
Correction
• Programmable Peak Current Limiting
• Bias-Supply UVLO, Over-Voltage Protection,
Open-Loop Detection, and PFC-Enable
Monitoring
• External PFC-Disable Interface
• Open-Circuit Protection on VSENSE and
VINAC pins
• Programmable Soft Start
• 20-Lead TSSOP Package

DESCRIPTION
The UCC28070 is an advanced power factor
correction device that integrates two pulse-width
modulators (PWMs) operating 180° out of phase.
This interleaved PWM operation generates substantial reduction in the input and output ripple
currents, and the conducted-EMI filtering becomes
easier and less expensive. A significantly improved
multiplier design provides a shared current reference
to two independent current amplifiers that ensures
matched average current mode control in both PWM
outputs while maintaining a stable, low-distortion
sinusoidal input line current.
The UCC28070 contains multiple innovations
including current synthesis and quantized voltage
feed-forward to promote performance enhancements in PF, efficiency, THD, and transient response.
Features including frequency dithering, clock
synchronization, and slew rate enhancement further
expand the potential performance enhancements.
The UCC28070 also contains a variety of protection
features including output over-voltage detection,
programmable peak-current limit, under-voltage
lockout, and open-loop protection.




Similar Part No. - UCC28070

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28070 TI-UCC28070 Datasheet
403Kb / 27P
Two-Phase Interleaved CCM PFC Controller
UCC28070 TI-UCC28070 Datasheet
723Kb / 39P
Interleaving Continuous Conduction Mode PFC Controller
UCC28070 TI-UCC28070 Datasheet
1Mb / 47P
Interleaving Continuous Conduction Mode PFC Controller
UCC28070 TI2-UCC28070 Datasheet
1Mb / 57P
UCC28070 and UCC28070A Extended Frequency Range (10kHz to 300kHz), Interleaving Continuous Conduction Mode PFC Controller
REVISED JULY 2025
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
More results


Similar Description - UCC28070

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28070 TI-UCC28070_08 Datasheet
723Kb / 39P
Interleaving Continuous Conduction Mode PFC Controller
logo
Renesas Technology Corp
R2A20114AFP RENESAS-R2A20114AFP Datasheet
243Kb / 17P
Continuous Conduction Mode Interleaving PFC Control IC
R2A20114 RENESAS-R2A20114 Datasheet
146Kb / 12P
Continuous Conduction Mode Interleaving PFC Control IC
logo
Texas Instruments
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
UCC28070DWR TI-UCC28070DWR Datasheet
1Mb / 47P
Interleaving Continuous Conduction Mode PFC Controller
logo
Renesas Technology Corp
R2A20114AFPASP RENESAS-R2A20114AFPASP_15 Datasheet
243Kb / 17P
Continuous Conduction Mode Interleaving PFC Control IC
logo
Texas Instruments
UCC28070 TI-UCC28070_15 Datasheet
1Mb / 47P
Interleaving Continuous Conduction Mode PFC Controller
logo
Renesas Technology Corp
R2A20114BFP RENESAS-R2A20114BFP Datasheet
1,002Kb / 17P
Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFP RENESAS-R2A20114AFP_16 Datasheet
406Kb / 17P
Continuous Conduction Mode Interleaving PFC Control IC
R2A20104-114 RENESAS-R2A20104-114 Datasheet
354Kb / 12P
Continuous Conduction Mode Interleaving PFC Control IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com