Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC1837 Datasheet (PDF) - Texas Instruments

UCC1837 Datasheet PDF - Texas Instruments
Part # UCC1837
Download  UCC1837 Download
File Size   398.19 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-Pin N-FET Linear Regulator Controller

UCC1837 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC1837 Datasheet PDF - Texas Instruments

Part # UCC1837
Download  UCC1837 Click to download

File Size   398.19 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-Pin N-FET Linear Regulator Controller

UCC1837 Datasheet (HTML) - Texas Instruments


UCC1837 Product details

FEATURES
• On Board Charge Pump to Drive
External N-MOSFET
• Input Voltage as Low as 3V
• Duty Ratio Mode Over Current
Protection
• Extremely Low Dropout Voltage
• Low External Parts Count
• Output Voltages as Low as 1.5V

DESCRIPTION
The UCC3837 Linear Regulator Controller includes all the features required
for an extremely low dropout linear regulator that uses an external
N-channel MOSFET as the pass transistor. The device can operate from
input voltages as low as 3V and can provide high current levels, thus providing
an efficient linear solution for custom processor voltages, bus termination
voltages, and other logic level voltages below 3V. The on board
charge pump creates a gate drive voltage capable of driving an external
N-MOSFET which is optimal for low dropout voltage and high efficiency.
The wide versatility of this IC allows the user to optimize the setting of
both current limit and output voltage for applications beyond or between
standard 3-terminal linear regulator ranges.
This 8-pin controller IC features a duty ratio current limiting technique that
provides peak transient loading capability while limiting the average
power dissipation of the pass transistor during fault conditions. See the
Application Section for detailed information.




Similar Part No. - UCC1837

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1837 TI-UCC1837 Datasheet
87Kb / 8P
8-Pin N-FET Linear Regulator Controller
UCC1837 TI1-UCC1837 Datasheet
733Kb / 14P
8-Pin N-FET Linear Regulator Controller
UCC1837 TI1-UCC1837_16 Datasheet
733Kb / 14P
8-Pin N-FET Linear Regulator Controller
More results


Similar Description - UCC1837

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1837 TI-UCC1837 Datasheet
87Kb / 8P
8-Pin N-FET Linear Regulator Controller
logo
Semtech Corporation
SC1548 SEMTECH-SC1548 Datasheet
287Kb / 14P
Linear Fet Controller
logo
International Rectifier
IRU3033 IRF-IRU3033 Datasheet
76Kb / 12P
8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
logo
Texas Instruments
LFC789D25 TI-LFC789D25 Datasheet
218Kb / 11P
DUAL LINEAR FET CONTROLLER
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
N-Channel FET Synchronous Buck Regulator Controller
logo
Semtech Corporation
SC1548 SEMTECH-SC1548_04 Datasheet
266Kb / 14P
Linear FET Controller
SC4210A SEMTECH-SC4210A Datasheet
290Kb / 11P
8-Pin N-FET Linear Regulator Controller
logo
BCD Semiconductor Manuf...
AP2160 BCDSEMI-AP2160 Datasheet
307Kb / 10P
Ultra Low Output Voltage Linear N-FET Controller
logo
Texas Instruments
UCC1837 TI1-UCC1837_16 Datasheet
733Kb / 14P
8-Pin N-FET Linear Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
N-Channel FET Synchronous Buck Regulator Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com