Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC383 Datasheet (PDF) - Texas Instruments

UCC383 Datasheet PDF - Texas Instruments
Part # UCC383
Download  UCC383 Download
File Size   558.13 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY

UCC383 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC383 Datasheet PDF - Texas Instruments

Part # UCC383
Download  UCC383 Click to download

File Size   558.13 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY

UCC383 Datasheet (HTML) - Texas Instruments


UCC383 Product details

Precision Positive Linear Series Pass
Voltage Regulation
0.45 V Dropout at 3 A
50 mV Dropout at 10 mA
Quiescent Current Under 650 μA
Irrespective of Load
Adjustable (5-Lead) Output Voltage Version
Fixed (3-Lead) Versions for 3.3-V and 5-V
Outputs
Logic Shutdown Capability
Short-Circuit Power Limit of
(3% × VIN × ISHORT)
Low VOUT to VIN Reverse Leakage
Thermal Shutdown

description
The UCC283−3/−5/−ADJ family of positive linear
series pass voltage regulators are tailored for
low-drop-out applications where low quiescent
power is important. Fabricated with a BiCMOS
technology ideally suited for low input-to-output
differential applications, the UCC283−5 passes
3 A while requiring only 0.45 V of typical input
voltage headroom (ensured 0.6-V dropout).
These regulators include reverse voltage sensing that prevents current in the reverse direction. Quiescent
current is always less than 650 μA. These devices have been internally compensated in such a way that the
need for a minimum output capacitor has been eliminated.
UCC283−3 and UCC283−5 versions are in 3-lead packages and have preset outputs at 3.3 V and 5.0 V
respectively. The output voltage is regulated to 1.5% at room temperature. The UCC283−ADJ version, in a
5-lead package, regulates the output voltage programmed by an external resistor ratio.
Short-circuit current is internally limited. The device responds to a sustained overcurrent condition by turning
off after a tON time delay. The device then stays off for a period, tOFF, that is 32 times the tON delay. The device
then begins pulsing on and off at the tON/(tON+tOFF) duty cycle of 3%. This drastically reduces the power
dissipation during short-circuit and means heat sinks need only accommodate normal operation. On the
3-leaded versions of the device tON is fixed at 750 μs, on the adjustable 5-leaded versions an external capacitor
sets the on time. The off time is always 32 × tON. The external timing control pin, CT, on the 5-leaded versions
also serves as a shutdown input when pulled low.
Internal power dissipation is further controlled with thermal overload protection circuitry. Thermal shutdown
occurs if the junction temperature exceeds 165°C. The chip remains off until the temperature has dropped 20°C.
The UCC283 series is specified for operation over the industrial range of −40°C to 85°C, and the UCC383 series
is specified from 0°C to 70°C. These devices are available in 3- and 5-pin TO−220 and TO−263 power packages.




Similar Part No. - UCC383

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC383 TI1-UCC383 Datasheet
1Mb / 22P
LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
UCC383-3 TI-UCC383-3 Datasheet
214Kb / 8P
Low Dropout 3 Ampere Linear Regulator Family
UCC383-3 TI-UCC383-3 Datasheet
466Kb / 17P
LOW DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC383-3 TI1-UCC383-3 Datasheet
896Kb / 22P
LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC383-3 TI1-UCC383-3 Datasheet
1Mb / 22P
LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
More results


Similar Description - UCC383

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC281- TI-UCC281- Datasheet
102Kb / 10P
Low Dropout 1 Ampere Linear Regulator Family
UCC283 TI-UCC283 Datasheet
214Kb / 8P
Low Dropout 3 Ampere Linear Regulator Family
logo
Analog Intergrations Co...
AIC1721 AIC-AIC1721 Datasheet
208Kb / 6P
3-pin Low Dropout Linear Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
logo
Texas Instruments
UCC283-3 TI-UCC283-3 Datasheet
466Kb / 17P
LOW DROPOUT 3-A LINEAR REGULATOR FAMILY
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_07 Datasheet
135Kb / 16P
1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
logo
Texas Instruments
UCC283-3 TI1-UCC283-3_12 Datasheet
896Kb / 22P
LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC281-3 TI1-UCC281-3_09 Datasheet
279Kb / 12P
Low Dropout 1 Ampere Linear Regulator Family
UCC283-3 TI1-UCC283-3_16 Datasheet
1Mb / 22P
LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com