Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC1580-2 Datasheet (PDF) - Texas Instruments

UCC1580-2 Datasheet PDF - Texas Instruments
Part # UCC1580-2
Download  UCC1580-2 Download
File Size   521.03 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single Ended Active Clamp/Reset PWM

UCC1580-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC1580-2 Datasheet PDF - Texas Instruments

Part # UCC1580-2
Download  UCC1580-2 Click to download

File Size   521.03 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single Ended Active Clamp/Reset PWM

UCC1580-2 Datasheet (HTML) - Texas Instruments


UCC1580-2 Product details

FEATURES
Provides Auxiliary Switch Activation
Complementary to Main Power
Switch Drive
Programmable deadtime (Turn-on
Delay) Between Activation of Each
Switch
Voltage Mode Control with
Feedforward Operation
Programmable Limits for Both
Transformer Volt- Second Product
and PWM Duty Cycle
High Current Gate Driver for Both
Main and Auxiliary Outputs
Multiple Protection Features with
Latched Shutdown and Soft Restart
Low Supply Current (100 A Startup,
1.5 mA Operation)

DESCRIPTION
The UCC3580 family of PWM controllers is designed to implement a variety
of active clamp/reset and synchronous rectifier switching converter topologies.
While containing all the necessary functions for fixed frequency, high
performance pulse width modulation, the additional feature of this design is
the inclusion of an auxiliary switch driver which complements the main
power switch, and with a programmable deadtime or delay between each
transition. The active clamp/reset technique allows operation of single
ended converters beyond 50% duty cycle while reducing voltage stresses
on the switches, and allows a greater flux swing for the power transformer.
This approach also allows a reduction in switching losses by recovering energy
stored in parasitic elements such as leakage inductance and switch
capacitance.
The oscillator is programmed with two resistors and a capacitor to set
switching frequency and maximum duty cycle. A separate synchronized
ramp provides a voltage feedforward pulse width modulation and a programmed
maximum volt-second limit. The generated clock from the oscillator
contains both frequency and maximum duty cycle information.




Similar Part No. - UCC1580-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1580-2 TI-UCC1580-2 Datasheet
568Kb / 16P
Single Ended Active Clamp/Reset PWM
UCC1580-2 TI1-UCC1580-2 Datasheet
1Mb / 18P
Single Ended Active Clamp/Reset PWM
UCC1580-2 TI1-UCC1580-2 Datasheet
997Kb / 17P
Single Ended Active Clamp/Reset PWM
More results


Similar Description - UCC1580-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1580- TI-UCC1580- Datasheet
568Kb / 16P
Single Ended Active Clamp/Reset PWM
logo
ON Semiconductor
NCP1282 ONSEMI-NCP1282 Datasheet
281Kb / 23P
High Performance Active Clamp/Reset PWM Controller Featuring 500 V Startup
December, 2006 ??Rev. 0
NCP1562A ONSEMI-NCP1562A Datasheet
310Kb / 26P
High Performance Active Clamp/Reset PWM Controller
November, 2010 -- Rev. 5
logo
Intersil Corporation
ISL6726 INTERSIL-ISL6726 Datasheet
900Kb / 20P
Active Clamp Forward PWM Controller
January 31, 2011
logo
ON Semiconductor
NCP1562A ONSEMI-NCP1562A Datasheet
483Kb / 26P
High Performance Active Clamp/Reset PWM Controller
November, 2010 -- Rev. 5
logo
International Rectifier
IRF6216TRPBF IRF-IRF6216TRPBF Datasheet
129Kb / 8P
Reset Switch for Active Clamp Reset DC-DC converters
logo
Intersil Corporation
ISL6726AAZ INTERSIL-ISL6726AAZ Datasheet
897Kb / 20P
Active Clamp Forward PWM Controller
January 31, 2011
logo
Texas Instruments
UCC1580-1 TI1-UCC1580-1 Datasheet
1Mb / 18P
Single Ended Active Clamp/Reset PWM
UCC1580 TI1-UCC1580 Datasheet
997Kb / 17P
Single Ended Active Clamp/Reset PWM
logo
Renesas Technology Corp
ISL6726 RENESAS-ISL6726 Datasheet
1Mb / 21P
Active Clamp Forward PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com