Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC3912 Datasheet (PDF) - Texas Instruments

UCC3912 Datasheet PDF - Texas Instruments
Part # UCC3912
Download  UCC3912 Download
File Size   499.71 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PROGRAMMABLE HOT SWAP POWER MANAGER

UCC3912 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC3912 Datasheet PDF - Texas Instruments

Part # UCC3912
Download  UCC3912 Click to download

File Size   499.71 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PROGRAMMABLE HOT SWAP POWER MANAGER

UCC3912 Datasheet (HTML) - Texas Instruments


UCC3912 Product details

Integrated 0.15-Ω Power MOSFET
3-V to 8-V Operation
Digital Programmable Current Limit
from 0 A to 3 A
Electronic Circuit Breaker Function
1μA ICC When Disabled
Programmable On-Time
Programmable Start Delay
Fixed 3% Duty Cycle
Unidirectional Switch
Thermal Shutdown
Fault-Output Indicator
Maximum-Output Current Can Be Set to 1 A
Above the Programmed Fault Level or to a
Full 4 A
Power SOIC, Low-Thermal Resistance
Packaging

description
The UCC3912 family of hot swap power managers provides complete power management, hot swap capability,
and circuit breaker functions. The only component required to operate the device, other than supply bypassing,
is the fault timing capacitor, CT. All control and housekeeping functions are integrated, and externally
programmable. These include the fault current level, maximum output-sourcing current, maximum fault time,
and startup delay. In the event of a constant fault, the internal fixed 3% duty cycle ratio limits average output
power.
The internal 4-bit DAC allows programming of the fault level current from 0 A to 3 A with 0.25-A resolution. The
IMAX control pin sets the maximum sourcing current to 1 A above the fault level when driven low, and to a full
4 A when driven high for applications which require fast output capacitor charging.
When the output current is below the fault level, the output MOSFET is switched on with a nominal on resistance
of 0.15 Ω. When the output current exceeds the fault level, but is less than the maximum sourcing level, the
output remains switched on, but the fault timer starts charging CT. Once CT charges to a preset threshold, the
switch is turned off, and remains off for 30 times the programmed fault time. When the output current reaches
the maximum sourcing level, the MOSFET transitions from a switch to a constant current source.
The UCC3912 family is designed for unidirectional current flow, emulating an ideal diode in series with the power
switch. This feature is particularly attractive in applications where many devices are powering a common bus,
such as with SCSI Termpwr.
The UCC3912 family can be put into sleep mode drawing only 1-μA of supply current. The SHTDWN pin has
a preset threshold hysteresis which allows the user the ability to set a time delay upon startup to achieve
sequencing of power. Other features include an open drain FAULT output indicator, thermal shutdown, under
voltage lockout, and a low thermal resistance small outline package.




Similar Part No. - UCC3912

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
Programmable Hot Swap Power Manager
UCC3912DP TI-UCC3912DP Datasheet
148Kb / 6P
Programmable Hot Swap Power Manager
UCC3912DP TI1-UCC3912DP Datasheet
659Kb / 16P
PROGRAMMABLE HOT SWAP POWER MANAGER
UCC3912DPG4 TI-UCC3912DPG4 Datasheet
148Kb / 6P
Programmable Hot Swap Power Manager
UCC3912DPG4 TI1-UCC3912DPG4 Datasheet
659Kb / 16P
PROGRAMMABLE HOT SWAP POWER MANAGER
More results


Similar Description - UCC3912

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
Negative Voltage Hot Swap Power Manager
UCC1917 TI-UCC1917 Datasheet
228Kb / 9P
Positive Floating Hot Swap Power Manager
UCC2915 TI-UCC2915 Datasheet
67Kb / 5P
15V Programmable Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
Programmable Hot Swap Power Manager
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
15V Programmable Hot Swap Power Manager
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
PROGRAMMABLE HOT SWAP POWER MANAGER
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
15-V PROGRAMMABLE HOT SWAP POWER MANAGER
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
Positive Floating Hot-Swap Power Manager
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com