Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC2915DP Datasheet (PDF) - Texas Instruments

UCC2915DP Datasheet PDF - Texas Instruments
Part # UCC2915DP
Download  UCC2915DP Download
File Size   912.1 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 15-V PROGRAMMABLE HOT SWAP POWER MANAGER

UCC2915DP Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC2915DP Datasheet PDF - Texas Instruments

Part # UCC2915DP
Download  UCC2915DP Click to download

File Size   912.1 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 15-V PROGRAMMABLE HOT SWAP POWER MANAGER

UCC2915DP Datasheet (HTML) - Texas Instruments


UCC2915DP Product details

Integrated 0.15-Ω Power MOSFET
7-V to 15-V Operation
Digital-Programmable Current Limit from
0 A to 3 A
100-μA ICC When Disabled
Programmable On Time
Programmable Start Delay
Fixed 2% Duty Cycle
Thermal Shutdown
Fault-Output Indicator
Maximum-Output Current Can Be Set to 1 A
Above the Programmed-Fault Level or to a
Full 4 A
Power SOIC and TSSOP, Low Thermal
Resistance Packaging

description
The UCC3915 programmable hot swap power manager provides complete power-management, hot-swap
capability, and circuit breaker functions. The only external component required to operate the device, other than
power supply bypassing, is the fault-timing capacitor, CT. All control and housekeeping functions are integrated,
and externally programmable. These include the fault current level, maximum output sourcing current,
maximum fault time, and startup delay. In the event of a constant fault, the internal fixed 2% duty cycle ratio limits
average output power.
The internal 4-bit DAC allows programming of the fault-level current from 0 A to 3 A with 0.25-A resolution. The
IMAX control pin sets the maximum-sourcing current to 1 A above the trip level or to a full 4 A of output current
for fast output capacitor charging.




Similar Part No. - UCC2915DP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2915DP TI-UCC2915DP Datasheet
663Kb / 15P
15-V PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2915DPG4 TI-UCC2915DPG4 Datasheet
663Kb / 15P
15-V PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2915DPTR TI-UCC2915DPTR Datasheet
663Kb / 15P
15-V PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2915DPTRG4 TI-UCC2915DPTRG4 Datasheet
663Kb / 15P
15-V PROGRAMMABLE HOT SWAP POWER MANAGER
More results


Similar Description - UCC2915DP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2915 TI-UCC2915 Datasheet
67Kb / 5P
15V Programmable Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
Programmable Hot Swap Power Manager
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
15V Programmable Hot Swap Power Manager
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
??8-V Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
??V to ??5V Hot Swap Power Manager
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
15-V PROGRAMMABLE HOT SWAP POWER MANAGER
UCC39151 TI1-UCC39151_11 Datasheet
157Kb / 8P
15-V PROGRAMMABLE HOT AWAP POWER MANAGER
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
??8-V Hot Swap Power Manager
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com